Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV802 Datasheet(PDF) 20 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 16Page - Analog Devices ADAV802_15 Datasheet HTML 17Page - Analog Devices ADAV802_15 Datasheet HTML 18Page - Analog Devices ADAV802_15 Datasheet HTML 19Page - Analog Devices ADAV802_15 Datasheet HTML 20Page - Analog Devices ADAV802_15 Datasheet HTML 21Page - Analog Devices ADAV802_15 Datasheet HTML 22Page - Analog Devices ADAV802_15 Datasheet HTML 23Page - Analog Devices ADAV802_15 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 20 of 53
SYSCLK1
48 kHz
32 kHz
44.1 kHz
REG: 0x75
BIT 5
256
384
REG: 0x75
BITS 7-6
SYSCLK2
×2
/2
REG: 0x75
BIT 4
REG: 0x77
BITS 2-1
/2
PLLINT2
SYSCLK3
PLL1 MCLK
FS2
FS3
PLL2
PLL2 MCLK
48 kHz
32 kHz
44.1 kHz
REG: 0x75
BITS 3-2
256
384
REG: 0x75
BIT 1
×2
/2
PLLINT1
REG: 0x75
BIT 0
REG: 0x77
BIT 0
FS1
PLL1
801-0016
REG: 0x74
BIT 0
256
512
Figure 18. PLL Clocking Scheme
SPDIF TRANSMITTER AND RECEIVER
The ADAV802 contains an integrated SPDIF transmitter and
receiver. The transmitter consists of a single output pin,
DITOUT, on which the biphase encoded data appears. The
SPDIF transmitter source can be selected from the different
blocks making up the ADAV802. Additionally the clock source
for the SPDIF transmitter can be selected from the various clock
sources available in the ADAV802. The receiver uses two pins,
DIRIN and DIR_LF. DIRIN accepts the SPDIF input data
stream. The DIRIN pin can be configured to accept a digital
input level as defined by Table 13 or an input signal with a peak
to peak level of 200mV minimum as defined by the IEC60958-3
specification. DIR_LF is a loop filter pin required by the
internal PLL which is used to recover the clock from the SPDIF
data stream. The components shown in Figure 22 form a loop
filter which integrates the current pulses from a charge pump
and produces a voltage which is used to tune the VCO of the
clock recovery PLL. The recovered audio data and audio clock
can be routed to the different blocks of the ADAV801 as
required. Figure 19 shows a conceptual diagram of the DIRIN
block.
DC
LEVEL
C1
DIRIN
SPDIF
RECEIVER
REG: 0x74
BIT 4
SPDIF
COMPARATOR
801-0128
1External Capacitor is only required for variable level SPDIF inputs
Figure 19. DIRIN Block
DIT
AUXILIARY IN
PLAYBACK
DIR
ADC
REG: 0x63
BITS 2-0
DIT
INPUT
SRC
DITOUT
Figure 20. Digital Output Transmitter Block Diagram
DIR
Audio
Data
DIRIN
Recovered
Clock
801-0022
Figure 21. Digital Input Receiver Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com