Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV802 Datasheet(PDF) 9 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 5Page - Analog Devices ADAV802_15 Datasheet HTML 6Page - Analog Devices ADAV802_15 Datasheet HTML 7Page - Analog Devices ADAV802_15 Datasheet HTML 8Page - Analog Devices ADAV802_15 Datasheet HTML 9Page - Analog Devices ADAV802_15 Datasheet HTML 10Page - Analog Devices ADAV802_15 Datasheet HTML 11Page - Analog Devices ADAV802_15 Datasheet HTML 12Page - Analog Devices ADAV802_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 9 of 53
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ZEROL/INT
ZEROR
DVDD
DGND
ADVDD
ADGND
PLL_LF2
PLL_LF1
PLL_GND
PLL_VDD
DGND
SYSCLK1
SYSCLK2
SYSCLK3
XIN
XOUT
39
38
37
41
40
MCLKO
MCLKI
DVDD
DGND
36
35
34
33
42
43
44
45
46
47
48
17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
64 63 62 61 60 59 58
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
VINR
VINL
AGND
AVDD
DIR_LF
DIR_GND
DIR_VDD
RESET
CLATCH/AD0
CIN/SDA
CCLK/SCL
COUT/AD1
13
14
15
16
25 26 27
31
30
29
28
32
57 56 55 54 53 52 51 50 49
ADAV802
Figure 2. 64-Lead Plastic Quad Flatpack [LQFP] (ST-520)
Table 18. ADAV802 Pin Function Descriptions
Pin
Number
Input/Output
Mnemonic
Description
1
INPUT
VINR
Analog Audio Input - Right Channel
2
INPUT
VINL
Analog Audio Input - Left Channel
3
AGND
Analog Ground
4
AVDD
Analog Voltage Supply
5
DIR_LF
DIR Phase Locked Loop (PLL) Loop Filter Pin
6
DIR_GND
Supply Ground for DIR Analog Section. This pin should be connected to AGND
7
DIR_VDD
Supply for DIR Analog Section. This pin should be connected to AVDD
8
INPUT
RESET
Reset input (Active Low)
9
INPUT
CLATCH
Chip Select (Control Latch) Pin of SPI compatible control interface
10
INPUT
CIN
Data Input of SPI compatible control interface
11
INPUT
CCLK
Clock Input of SPI compatible control interface
12
OUTPUT
COUT
Data Output of SPI compatible control interface
13
OUTPUT
ZEROL/INT
Left Channel (Output) Zero Flag or Interrupt (Output) Flag. The function of this
pin is determined by the INTRPT bin in DAC Control Register 4
14
OUTPUT
ZEROR
Right Channel (Output) Zero Flag
15
DVDD
Digital Voltage Supply
16
DGND
Digital Ground
17
INPUT/OUTPUT
ILRCLK
Sampling Clock (LRCLK) of Playback Digital Input Port
18
INPUT/OUTPUT
IBCLK
Serial Clock (BCLK) of Playback Digital Input Port
19
INPUT
ISDATA
Data Input of Playback Digital Input Port
20
INPUT/OUTPUT
OLRCLK
Sampling Clock (LRCLK) of Record Digital Output Port
21
INPUT/OUTPUT
OBCLK
Serial Clock (BCLK) of Record Digital Output Port
22
OUTPUT
OSDATA
Data Output of Record Digital Output Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com