Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV802 Datasheet(PDF) 18 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 14Page - Analog Devices ADAV802_15 Datasheet HTML 15Page - Analog Devices ADAV802_15 Datasheet HTML 16Page - Analog Devices ADAV802_15 Datasheet HTML 17Page - Analog Devices ADAV802_15 Datasheet HTML 18Page - Analog Devices ADAV802_15 Datasheet HTML 19Page - Analog Devices ADAV802_15 Datasheet HTML 20Page - Analog Devices ADAV802_15 Datasheet HTML 21Page - Analog Devices ADAV802_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 18 of 53
is 16 samples. However, the Group Delay and Mute In register
can be used to increase this offset. The number of input samples
added to the write pointer of the FIFO on the SRC is 16 + Bits
6-0 of the Group Delay register. This feature is useful in vari-
speed applications in order to prevent the read pointer to the
FIFO running ahead of the write pointer. When set, bit 7 of the
Group Delay and Mute In register will soft mute the sample
rate. Increasing the offset of the write address pointer is useful
for applications when small changes in the sample rate ratio
between fS_IN and fS_OUT are expected. The maximum decimation
rate can be calculated from the RAM word depth and the group
delay as (512−16)/64 taps = 7.75 for short group delay and (512-
64)/64 taps = 7 for long group delay.
The digital servo loop is essentially a ramp filter that provides
the initial pointer to the address in RAM and ROM for the start
of the FIR convolution. The RAM pointer is the integer output
of the ramp filter while the ROM is the fractional part. The
digital servo loop must be able to provide excellent rejection of
jitter on the fS_IN and fS_OUT clocks as well as measure the arrival
of the fS_OUT clock within 4.97 ps. The digital servo loop will also
divide the fractional part of the ramp output by the ratio of
fS_IN/fS_OUT for the case when fS_IN > fS_OUT, to dynamically alter
the ROM coefficients.
The digital servo loop is implemented with a multi-rate filter. To
settle the digital servo loop filter more quickly upon startup or a
change in the sample rate, a “fast mode” was added to the filter.
When the digital servo loop starts up or the sample rate is
changed, the digital servo loop kicks into “fast mode” to adjust
and settle on the new sample rate. Upon sensing the digital
servo loop settling down to some reasonable value, the digital
servo loop will kick into “normal” or “slow mode.”
During “fast mode” the MUTE_OUT bit in the Sample Rate
Error register is asserted to let the user know clicks or pops may
be present in the digital audio data. The output of the SRC can
be muted, by asserting bit 7 of the Group Delay & Mute register
until the SRC has changed to “slow mode”. The MUTE_OUT bit
can be set to generate an interrupt when the SRC changes to
“slow mode” indicating that the data will be sample rate
converted accurately. The frequency response of the digital
servo loop for "fast mode" and "slow mode" are shown in Figure
14. The FIR filter is a 64-tap filter in the case of fS_OUT ≥ fS_IN and
is (fS_IN/fS_OUT) × 64 taps for the case when fS_IN > fS_OUT. The FIR
filter performs its convolution by loading in the starting address
of the RAM address pointer and the ROM address pointer from
the digital servo loop at the start of the fS_OUT period. The FIR
filter then steps through the RAM by decrementing its address
by 1 for each tap, and the ROM pointer increments its address
by the (fS_OUT/fS_IN) × 220 ratio for fS_IN > fS_OUT or 220 for fS_OUT ≥
fS_IN. Once the ROM address rolls over, the convolution is
completed. The convolution is performed for both the left and
right channels, and the multiply accumulate circuit used for the
convolution is shared between the channels. The fS_IN/fS_OUT
sample rate ratio circuit is used to dynamically alter the
coefficients in the ROM for the case when fS_IN >fS_OUT. The ratio
is calculated by comparing the output of an fS_OUT counter to the
output of an fS_IN counter. If fS_OUT >fS_IN, the ratio is held at one.
If fS_IN > fS_OUT, the sample rate ratio is updated if it is different
by more than two fS_OUT periods from the previous fS_OUT to fS_IN
comparison. This is done to provide some hysteresis to prevent
the filter length from oscillating and causing distortion.
REG: 0x00
BITS 1-0
REG: 0x76
BIT 0
REG: 0x76
BIT 1
SRC
SRC
MCLK
AUXILIARY IN
PLAYBACK
DIR
ADC
REG: 0x62
BITS 7-6
SRC
INPUT
SRC
OUTPUT
Figure 13. Clock and Data Path Control on the SRC
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
-200
-210
-220
0.01
0.1
1
10
100
1e3
1e4
1e5
FREQUENCY - Hz
SLOW MODE
FAST MODE
Figure 14. Frequency Response of the Digital Servo Loop. fS_IN is the X-Axis,
fS_OUT = 192 KHz, Master Clock is 30 MHz
PLL SECTION
The ADAV802 features a dual PLL configuration to generate
independent system clocks for asynchronous operation. Figure
17 shows the block diagram of the PLL section. The PLL
generates the internal and system clocks from a 27MHz clock.
This clock is generated either by a crystal connected between
XIN and XOUT, as shown in Figure 15 or from an external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com