Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV802 Datasheet(PDF) 45 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 41Page - Analog Devices ADAV802_15 Datasheet HTML 42Page - Analog Devices ADAV802_15 Datasheet HTML 43Page - Analog Devices ADAV802_15 Datasheet HTML 44Page - Analog Devices ADAV802_15 Datasheet HTML 45Page - Analog Devices ADAV802_15 Datasheet HTML 46Page - Analog Devices ADAV802_15 Datasheet HTML 47Page - Analog Devices ADAV802_15 Datasheet HTML 48Page - Analog Devices ADAV802_15 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 45 of 53
Table 72. DAC Left Peak Volume Register
RES
RES
DLP5
DLP4
DLP3
DLP2
DLP1
DLP0
7
6
5
4
3
2
1
0
ADDRESS = 1101010
DLP5-0
DAC Left Channel Peak Volume Detection
000000 = 0dBFS
000001 = -1dBFS
111111 = -63dBFS
Table 73. DAC Right Peak Volume Register
RES
RES
DRP5
DRP4
DRP3
DRP2
DRP1
DRP0
7
6
5
4
3
2
1
0
ADDRESS = 1101011
DRP5-0
DAC Right Channel Peak Volume Detection
000000 = 0dBFS
000001 = -1dBFS
111111 = -63dBFS
Table 74. ADC Left Channel PGA Gain Register
RES
RES
AGL5
AGL4
AGL3
AGL2
AGL1
AGL0
7
6
5
4
3
2
1
0
ADDRESS = 1101100
AGL5-0
PGA Left Channel Gain Control
000000 = 0 dB
000001 = +0.5 dB
...........
101111 = +23.5 dB
110000 = +24 dB
...........
111111 = +24 dB
Table 75. ADC Right Channel PGA Gain Register
RES
RES
AGR5
AGR4
AGR3
AGR2
AGR1
AGR0
7
6
5
4
3
2
1
0
ADDRESS = 1101101
AGR5-0
PGA Right Channel Gain Control
000000 = 0 dB
000001 = +0.5 dB
...........
101111 = +23.5 dB
110000 = +24 dB
...........
111111 = +24 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com