Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV802 Datasheet(PDF) 22 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 18Page - Analog Devices ADAV802_15 Datasheet HTML 19Page - Analog Devices ADAV802_15 Datasheet HTML 20Page - Analog Devices ADAV802_15 Datasheet HTML 21Page - Analog Devices ADAV802_15 Datasheet HTML 22Page - Analog Devices ADAV802_15 Datasheet HTML 23Page - Analog Devices ADAV802_15 Datasheet HTML 24Page - Analog Devices ADAV802_15 Datasheet HTML 25Page - Analog Devices ADAV802_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 22 of 53
Sample
Frequency
Emphasis
Lock
Non-
Audio
Pro/Con
=1
76
5
4
3
2
1
0
N
Address
Channel Mode
Alignment
Level
Use of Auxiliary Mode
Sample Bits
Channel Identification
Digital Audio
Reference Signal
Sample Frequency (fs)
Reserved
N+1
N+2
N+3
N+4
N+5
Data Bits
User Bit Management
Source Word Length
Res-
erved
fs
Scaling
Alphanumeric Channel Origin Data - First Character
N+6
Alphanumeric Channel Origin Data
N+7
Alphanumeric Channel Origin Data
N+8
Alphanumeric Channel Origin Data - Last Character
N+9
Alphanumeric Channel Destination Data - First Character
N+10
Alphanumeric Channel Destination Data
N+11
Alphanumeric Channel Destination Data
N+12
Alphanumeric Channel Destination Data - Last Character
N+13
Local Sample Address Code - LSW
N+14
Local Sample Address Code
N+15
Local Sample Address Code
N+16
Local Sample Address Code - MSW
N+17
Time Of DayCode- LSW
N+18
Time Of Day Code
N+19
Time Of Day Code
N+20
Time Of Day Code - MSW
N+21
Reserved
N+22
Cyclic Redundancy Check Character (CRCC_
N+23
Reliability Flags
N = 0x20 for Receiver Channel Status Buffer
N = 0x38 for Transmitter Channel Status Buffer
Figure 28. Professional
The standards allow for the channel status bits in each subframe
to be independent, but ordinarily the channel status bit in the
two subframes of each frame are the same. The channel status
bits are defined differently for the consumer audio standards
and the professional audio standards. The 192 channel status
bits are organized into 24 bytes and have the interpretations
shown in Figure 27 and Figure 28.
The SPDIF transmitter and receiver have a comprehensive
register set. The registers give the user full access to the
functions of the SPDIF block such as detecting non-audio and
validity bits, Q subcodes, preambles etc. The channel status bits
as defined by the IEC60958 and AES3 specification are stored in
register buffers for ease of use. An autobuffering function allows
for channel status and user bits read by the receiver to be copied
directly to the transmitter block removing the need for user
intervention.
Receiver Section
The ADAV802 uses a double buffering scheme to handle
reading Channel Status and User bit information. The Channel
Status bits are available as a memory buffer taking up 24
consecutive register locations. The User bits are read using an
indirect memory addressing scheme where the Receiver User
Bit Indirect Address register is programmed with an offset to
the User bit buffer and the Receiver User Bit Data register can
be read to determine the User bits at that location. Reading the
Receiver User Bit Data register automatically updates the
Indirect Address Register to the next location in the buffer.
Typically the Receiver User Bit Indirect Address register is
programmed to zero, the start of the buffer, and the Receiver
User Bit Data register is read repeatedly until all the buffers data
has been read. Figure 29 and Figure 30 shows how receiving the
Channel Status and User bits is implemented.
SPDIF
RECEIVE
BUFFER
DIRIN
CHANNEL
STATUS B
(24X 8BITS)
CHANNEL
STATUS A
(24X8BITS)
RECEIVE
CS BUFFER
(0x20-0x37)
RxCSSWITCH
FIRST BUFFER
SECOND BUFFER
Figure 29. Channel Status Buffer
0.....7
USER BIT
BUFFER
8.....15
16.....23
RECEIVER USER BIT
INDIRECT ADDRESS
REGISTER
RECEIVER USER BIT
DATA REGISTER
ADDRESS = 0x50
ADDRESS = 0x51
0.....7
FIRST
BUFFER
8.....15
16.....23
SPDIF IN
801-0032
Figure 30. Receiver User Bit Buffer
The SPDIF receive buffer is updated continuously by the
incoming SPDIF stream and once all of the channel status bits
for the block, 192 for channel A and 192 for channel B, are
received the bits are copied into the receiver channel status
buffer. This buffer stores all 384 bits of channel status
information and the RxCSSWITCH bit in the Channel Status
Switch Buffer register determines whether the channel A or
channel B status bits are required to be read. The receive
channel status bit buffer is 24 bytes long and spans the address
range from 0x20 to 0x37.
Since the Channel Status bits of an SPDIF stream rarely change
a software interrupt/flag bit, RxCSBINT is provided to notify
the host control that either a new block of channel status bits is
available or that the first 5 bytes of channel status information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com