Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV802 Datasheet(PDF) 5 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 5 Page - Analog Devices

  ADAV802_15 Datasheet HTML 1Page - Analog Devices ADAV802_15 Datasheet HTML 2Page - Analog Devices ADAV802_15 Datasheet HTML 3Page - Analog Devices ADAV802_15 Datasheet HTML 4Page - Analog Devices ADAV802_15 Datasheet HTML 5Page - Analog Devices ADAV802_15 Datasheet HTML 6Page - Analog Devices ADAV802_15 Datasheet HTML 7Page - Analog Devices ADAV802_15 Datasheet HTML 8Page - Analog Devices ADAV802_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 5 of 53
Table 9. DAC Low-Pass Digital Interpolation Filter Characteristics
Sample Rate
Pass Band
Stop Band
Stop Band
Pass Band
(kHz)
Frequency (kHz)
Frequency (kHz)
Attenuation (dB)
Ripple (dB)
44.1
0.4535 × fS
0.5464 × fS
70
±0.002
48
0.4541 × fS
0.5464 × fS
70
±0.002
96
0.4161 × fS
0.5927 × fS
70
±0.005
Table 10. PLL Section
Min
Typ
Max
Unit
Conditions
Master Clock Input Frequency
27/54
MHz
Generated System Clocks
MCLKO
27/54
MHz
SYSCLK1
256
768
× fS
256/384/512/768 ×
32/44.1/48 kHz1
SYSCLK2
256
768
× fS
256/384/512/768 ×
32/44.1/48 kHz1
SYSCLK3
256
512
× fS
256/512 × 32/44.1/48 kHz1
Jitter
SYSCLK1
TBD
ps rms
SYSCLK2
TBD
ps rms
SYSCLK3
TBD
ps rms
1 Sample Frequency can be doubled
Table 11. DIR Section
Min
Typ
Max
Unit
Condition
Input Sample Frequency
27.2
220
kHz
DIR-MCLK Frequency
TBD
MHz
DIR-MCLK Jitter
TBD
ps
Differential Input Voltage
TBD
mV
Table 12. DIT Section
Min
Typ
Max
Unit
Condition
Output Sample Frequency
27.2
220
kHz
Table 13. Digital I/O
Min
Typ
Max
Unit
Condition
Input Voltage HI (VIH)
2.0
DVDD
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH@ VIH = 3.3 V)
10
µA
Input Leakage (IIL@ VIL = 0 V)
10
µA
Output Voltage HI (VOH @ IOH = 1 mA)
2.4
V
Output Voltage LO (VOL @ IOL = -1 mA)
0.4
V
Input Capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com