Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV802 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 4 Page - Analog Devices

  ADAV802_15 Datasheet HTML 1Page - Analog Devices ADAV802_15 Datasheet HTML 2Page - Analog Devices ADAV802_15 Datasheet HTML 3Page - Analog Devices ADAV802_15 Datasheet HTML 4Page - Analog Devices ADAV802_15 Datasheet HTML 5Page - Analog Devices ADAV802_15 Datasheet HTML 6Page - Analog Devices ADAV802_15 Datasheet HTML 7Page - Analog Devices ADAV802_15 Datasheet HTML 8Page - Analog Devices ADAV802_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 4 of 53
Table 5. ADC Low-Pass Digital Decmation Filter Characteristics1
Sample Rate
Pass Band
Stop Band
Stop Band
Pass Band
(kHz)
Frequency (kHz)
Frequency (kHz)
Attenuation (dB)
Ripple (dB)
48
0.45314 × fS
0.54648 × fS
120
±0.01
96
TBD × fS
TBD × fS
TBD
±TBD
1 Guaranteed by Design
Table 6. ADC High-Pass Digital Filter Characteristics (fS = 48 kHz)
Min
Typ
Max
Units
Cutoff Frequency
0.9
Hz
Table 7. SRC Section
Min
Typ
Max
Unit
Conditions
Resolution
24
Bits
Sample Rate
8
96
kHz
XIN = 27MHz
Maximum Sample Rate Ratios
Minimum SRC MCLK
138 × fS-MAX
fS-MAX is the greater of the input or
output sample rate
Upsampling
1:8
Downsampling
7.75:1
Dynamic Range
20 Hz to fS/2, 1 kHz, –60 dBFS Input
Unweighted
120
dB
Worst Case - 96 kHz:8 kHz
A-Weighted
125
dB
Worst Case - 96 kHz:8 kHz
Total Harmonic Distortion + Noise
−110
dB
20 Hz to fS/2, 1 kHz, 0 dBFS Input
Table 8. DAC Section1
Min
Typ
Max
Unit
Conditions
Number of Channels
2
Resolution
24
Bits
Dynamic Range
(20 Hz to 20 kHz, −60 dB Input)
Unweighted
100
dB
A-Weighted
TBD
103
dB
A-Weighted
TBD
dB
fS = 96 KHz
Total Harmonic Distorton + Noise
−96
dB
Digital Input = −1.0 dBFS
Total Harmonic Distorton + Noise
TBD
dB
Digital Input = −1.0 dBFS, fS = 96 KHz
Analog Outputs
Output Range (± Full Scale)
1.0
Vrms
Output Resistance
TBD
Ω
Common Mode Output Voltage
1.5
V
DC Accuracy
Gain Error
−1
dB
Interchannel Gain Mismatch
0.01
dB
Gain Drift
25
ppm/°C
Crosstalk (EIAJ Method)
125
dB
Phase Deviation
TBD
Degrees
Mute Attenuation
−63
dB
Volume Control Step Size (128 Steps)
0.5
dB
Group Delay
TBD
µs
1 The figures quoted are target specifications and subject to change before release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com