| Electronic Components Datasheet Search |
|
ADAV802 Datasheet(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV802 Datasheet(HTML) 35 Page - Analog Devices |
|
35 / 53 page ![]() Preliminary Technical Data ADAV802 Rev. Pr G | Page 35 of 53 Table 41. Autobuffer Register RES Zero_Stuff_IU Auto_Ubits Auto_CSBits IU_Zeros3-0 7 6 5 4 3,2,1,0 ADDRESS = 0010001 Zero_Stuff_IU Enables the addition or subtraction of zeros between IUs during autobuffering of the user bits in IEC60958-3 format 0 = No Zeros added or subtracted 1 = Zeros can be added or subtracted between IUs Auto_UBits Enables the User Bits to be autobuffered between the AES3/SPDIF receiver and transmitter 0 = The User Bits are not autobuffered 1 = The User Bits are autobuffered Auto_CSBits Enables the Channel Status bits to be autobuffered between the AES3/SPDIF receiver and transmitter 0 = The Channel Status bits are not autobuffered 1 = The Channel Status bits are autobuffered IU_Zeros3-0 Sets the maximum number of zero stuffing to be added between IUs while autobuffering up to a maximum of 8 0000 = 0 0001 = 1 ...... 0111 = 7 1000 = 8 Table 42. Sample Rate Ratio MSB Register (Read Only) RES SRCRATIO14-SRCRATIO08 7 6,5,4,3,2,1,0 ADDRESS = 0010010 SRCRATIO14-08 The seven most significant bits of the fifteen bit sample rate ratio Table 43. Sample Rate Ratio LSB Register (Read Only SRCRATIO07-SRCRATIO01 7,6,5,4,3,2,1,0 ADDRESS = 0010011 SRCRATIO07-00 The eight least significant bits of the fifteen bit sample rate ratio Table 44. Preamble-C MSB Register (Read Only) PRE_C15-PRE_08 7,6,5,4,3,2,1,0 ADDRESS = 0010100 PRE_C15-08 The eight most significant bits of the sixteen bit Preamble-C when Nonaudio data is detected according to the IEC60937 standard, otherwise bits show zeros Table 45. Preamble-C LSB Register (Read Only) PRE_C07-PRE_C00 7,6,5,4,3,2,1,0 ADDRESS = 0010101 PRE_C07-00 The eight least significant bits of the sixteen bit Preamble-C when Nonaudio data is detected according to the IEC60937 standard, otherwise bits show zeros |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |