Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758 Datasheet(PDF) 31 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 27Page - Analog Devices ADE7758_15 Datasheet HTML 28Page - Analog Devices ADE7758_15 Datasheet HTML 29Page - Analog Devices ADE7758_15 Datasheet HTML 30Page - Analog Devices ADE7758_15 Datasheet HTML 31Page - Analog Devices ADE7758_15 Datasheet HTML 32Page - Analog Devices ADE7758_15 Datasheet HTML 33Page - Analog Devices ADE7758_15 Datasheet HTML 34Page - Analog Devices ADE7758_15 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 31 of 72
Active Power Gain Calibration
Note that the average active power result from the LPF output
in each phase can be scaled by ±50% by writing to the phase’s
watt gain register (AWG, BWG, or CWG). The watt gain
registers are twos complement, signed registers and have a
resolution of 0.024%/LSB. Equation 16 describes
mathematically the function of the watt gain registers.
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
12
2
1
2
gister
Re
Gain
Watt
Output
LPF
Data
Power
Average
(16)
The REVPAP bit (Bit 17) in the interrupt status register is set if
the average power from any one of the phases changes sign. The
phases monitored are selected by TERMSEL bits in the
COMPMODE register (see Table 21). The TERMSEL bits are
also used to select which phases are included in the APCF and
VARCF pulse outputs. If the REVPAP bit is set in the mask
register, the IRQ logic output goes active low (see the
section). Note that this bit is set whenever there are sign
changes, that is, the REVPAP bit is set for both a positive-to-
negative change and a negative-to-positive change of the sign
bit. The response time of this bit is approximately 176 ms for a
full-scale signal, which has an average value of 0xCCCCD at the
low pass filter output. For smaller inputs, the time is longer.
Interrupts
The output is scaled by −50% by writing 0x800 to the watt gain
registers and increased by +50% by writing 0x7FF to them.
These registers can be used to calibrate the active power (or
energy) calculation in the ADE7758 for each phase.
CLKIN
Value
Average
ms
Time
sponse
Re
4
25
2
60
1
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
+
≅
(17)
Active Power Offset Calibration
The APCFNUM [15:13] indicate reverse power on each of the
individual phases. Bit 15 is set if the sign of the power on Phase A is
negative, Bit 14 for Phase B, and Bit 13 for Phase C.
The ADE7758 also incorporates a watt offset register on each
phase (AWATTOS, BWATTOS, and CWATTOS). These are
signed twos complement, 12-bit registers that are used to
remove offsets in the active power calculations. An offset can
exist in the power calculation due to crosstalk between channels
on the PCB or in the chip itself. The offset calibration allows the
contents of the active power register to be maintained at 0 when
no power is being consumed. One LSB in the active power
offset register is equivalent to 1/16 LSB in the active power
multiplier output. At full-scale input, if the output from the
multiplier is 0xCCCCD (838,861d), then 1 LSB in the LPF2
output is equivalent to 0.0075% of measurement error at 60 dB
down from full scale on the current channel. At −60 dB down
on full scale (the input signal level is 1/1000 of full-scale signal
inputs), the average word value from LPF2 is 838.861
(838,861/1000). One LSB is equivalent to 1/838.861/16 × 100%
= 0.0075% of the measured value. The active power offset register
has a correction resolution equal to 0.0075% at −60 dB.
No-Load Threshold
The ADE7758 has an internal no-load threshold on each phase.
The no-load threshold can be activated by setting the NOLOAD
bit (Bit 7) of the COMPMODE register. If the active power falls
below 0.005% of full-scale input, the energy is not accumulated
in that phase. As stated, the average multiplier output with full-
scale input is 0xCCCCD. Therefore, if the average multiplier
output falls below 0x2A, the power is not accumulated to avoid
creep in the meter. The no-load threshold is implemented only
on the active energy accumulation. The reactive and apparent
energies do not have the no-load threshold option.
Active Energy Calculation
As previously stated, power is defined as the rate of energy flow.
This relationship can be expressed mathematically as
dt
dEnergy
Power =
(18)
Sign of Active Power Calculation
Note that the average active power is a signed calculation. If the
phase difference between the current and voltage waveform is
more than 90°, the average power becomes negative. Negative
power indicates that energy is being placed back on the grid.
The ADE7758 has a sign detection circuitry for active power
calculation.
Conversely, Energy is given as the integral of power.
()dt
p
∫
=
t
Energy
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com