Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 10Page - Analog Devices ADE7758_15 Datasheet HTML 11Page - Analog Devices ADE7758_15 Datasheet HTML 12Page - Analog Devices ADE7758_15 Datasheet HTML 13Page - Analog Devices ADE7758_15 Datasheet HTML 14Page - Analog Devices ADE7758_15 Datasheet HTML 15Page - Analog Devices ADE7758_15 Datasheet HTML 16Page - Analog Devices ADE7758_15 Datasheet HTML 17Page - Analog Devices ADE7758_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 14 of 72
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.01
0.1
1
10
100
PERCENT FULL-SCALE CURRENT (%)
5V
5.25V
4.75V
Figure 18. Reactive Energy Error as a Percentage of Reading (Gain = +1) over
Supply with Internal Reference and Integrator Off
0.3
–0.3
–0.2
–0.1
0
0.1
0.2
0.01
0.1
1
10
100
PERCENT FULL-SCALE CURRENT (%)
GAIN = +1
GAIN = +2
GAIN = +4
PF = 0
Figure 19. Reactive Energy Error as a Percentage of Reading over Gain with
Internal Reference and Integrator Off
0.4
–0.4
–0.2
–0.3
–0.1
0
0.1
0.2
0.3
0.01
0.1
1
10
100
PERCENT FULL-SCALE CURRENT (%)
PHASE A
ALL PHASES
PHASE C
PHASE B
PF = 1
Figure 20. VARCF Error as a Percentage of Reading (Gain = +1)
with Internal Reference and Integrator Off
0.3
–0.3
–0.2
–0.1
0
0.1
0.2
0.01
0.1
1
10
100
PERCENT FULL-SCALE CURRENT (%)
+25
°C
+85
°C
–40
°C
Figure 21. Active Energy Error as a Percentage of Reading (Gain = +4) over
Temperature with Internal Reference and Integrator On
0.5
0.4
–0.5
–0.4
–0.2
–0.3
–0.1
0
0.1
0.2
0.3
0.01
0.1
1
10
100
PERCENT FULL-SCALE CURRENT (%)
PF = +1, +25
°C
PF = –0.5, +25
°C
PF = +0.5, +25
°C
PF = +0.5, +85
°C
PF = +0.5, –40
°C
Figure 22. Active Energy Error as a Percentage of Reading (Gain = +4) over
Power Factor with Internal Reference and Integrator On
0.8
–0.8
–0.4
–0.6
–0.2
0
0.2
0.4
0.6
0.01
0.1
1
10
100
PERCENT FULL-SCALE CURRENT (%)
PF = 0, +25
°C
PF = +0.866, +25
°C
PF = –0.866, +25
°C
PF = –0.866, +85
°C
PF = –0.866, –40
°C
Figure 23. Reactive Energy Error as a Percentage of Reading (Gain = +4) over
Power Factor with Internal Reference and Integrator On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com