Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758 Datasheet(PDF) 25 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 21Page - Analog Devices ADE7758_15 Datasheet HTML 22Page - Analog Devices ADE7758_15 Datasheet HTML 23Page - Analog Devices ADE7758_15 Datasheet HTML 24Page - Analog Devices ADE7758_15 Datasheet HTML 25Page - Analog Devices ADE7758_15 Datasheet HTML 26Page - Analog Devices ADE7758_15 Datasheet HTML 27Page - Analog Devices ADE7758_15 Datasheet HTML 28Page - Analog Devices ADE7758_15 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 25 of 72
PGA1
IAP
IAN
IA
ADC
HPF
PGA2
VAP
VN
VA
ADC
60Hz
0.1°
IA
VA
RANGE OF PHASE
CALIBRATION
111 110 0
60
APHCAL[6:0]
–153.6µs TO +75.6µs
VA
VA ADVANCED BY 4.8µs
(+0.104
° @ 60Hz)
0x7E
IA
60Hz
DIGITAL
INTEGRATOR
ACTIVE AND
REACTIVE
ENERGY
CALCULATION
+1.36°, –2.76° @ 50Hz; 0.022°, 0.043°
+1.63°, –3.31° @ 60Hz; 0.026°, 0.052°
Figure 56. Phase Calibration on Voltage Channels
PERIOD MEASUREMENT
The ADE7758 provides the period or frequency measurement
of the line voltage. The period is measured on the phase
specified by Bit 0 to Bit 1 of the MMODE register. The period
register is an unsigned 12-bit FREQ register and is updated
every four periods of the selected phase.
Bit 7 of the LCYCMODE selects whether the period register
displays the frequency or the period. Setting this bit causes the
register to display the period. The default setting is logic low,
which causes the register to display the frequency.
When set to measure the period, the resolution of this register is
96/CLKIN per LSB (9.6 μs/LSB when CLKIN is 10 MHz),
which represents 0.06% when the line frequency is 60 Hz. At
60 Hz, the value of the period register is 1737d. At 50 Hz, the
value of the period register is 2084d. When set to measure
frequency, the value of the period register is approximately 960d at
60 Hz and 800d at 50 Hz. This is equivalent to 0.0625 Hz/LSB.
LINE VOLTAGE SAG DETECTION
The ADE7758 can be programmed to detect when the absolute
value of the line voltage of any phase drops below a certain peak
value for a number of half cycles. Each phase of the voltage
channel is controlled simultaneously. This condition is
illustrated in Figure 57.
Figure 57 shows a line voltage fall below a threshold, which is
set in the SAG level register (SAGLVL[7:0]), for nine half cycles.
Because the SAG cycle register indicates a six half-cycle threshold
(SAGCYC[7:0] = 0x06), the SAG event is recorded at the end of
the sixth half cycle by setting the SAG flag of the corresponding
phase in the interrupt status register (Bit 1 to Bit 3 in the
interrupt status register).
If the SAG enable bit is set to Logic 1 for this phase (Bit 1 to
Bit 3 in the interrupt mask register), the IRQ logic output goes
active low (see the
section). The phases are compared
to the same parameters defined in the SAGLVL and SAGCYC
registers.
Interrupts
SAGLVL[7:0]
FULL-SCALE
READ RSTATUS
REGISTER
SAGCYC[7:0] = 0x06
6HALF CYCLES
SAG INTERRUPT FLAG
(BIT 3 TO BIT 5 OF
STATUS REGISTER)
VAP, VBP, OR VCP
SAG EVENT RESET LOW
WHEN VOLTAGE CHANNEL
EXCEEDS SAGLVL[7:0]
Figure 57. ADE7758 SAG Detection
Figure 57 shows a line voltage fall below a threshold, which is
set in the SAG level register (SAGLVL[7:0]), for nine half cycles.
Because the SAG cycle register indicates a six half-cycle threshold
(SAGCYC[7:0] = 0x06), the SAG event is recorded at the end of
the sixth half cycle by setting the SAG flag of the corresponding
phase in the interrupt status register (Bit 1 to Bit 3 in the
interrupt status register). If the SAG enable bit is set to Logic 1
for this phase (Bit 1 to Bit 3 in the interrupt mask register), the
IRQ logic output goes active low (see the
section).
The phases are compared to the same parameters defined in the
SAGLVL and SAGCYC registers.
Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com