Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 13Page - Analog Devices ADE7758_15 Datasheet HTML 14Page - Analog Devices ADE7758_15 Datasheet HTML 15Page - Analog Devices ADE7758_15 Datasheet HTML 16Page - Analog Devices ADE7758_15 Datasheet HTML 17Page - Analog Devices ADE7758_15 Datasheet HTML 18Page - Analog Devices ADE7758_15 Datasheet HTML 19Page - Analog Devices ADE7758_15 Datasheet HTML 20Page - Analog Devices ADE7758_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 17 of 72
TEST CIRCUITS
REFIN/OUT
33nF
1kΩ
100nF
33nF
1kΩ
10µF
VDD
VN
IAN
IBP
IBN
ICP
ICN
VAP
AVDD DVDD
VBP
VCP
AGND DGND
DOUT
SCLK
APCF
CLKOUT
CLKIN
CS
DIN
IRQ
10MHz
22pF
22pF
PS2501-1
13
11
2
1
TO FREQ.
COUNTER
14
23
20
IAP
RB
SAME AS
IAP, IAN
9
8
7
10
16
15
14
100nF
10µF
33nF
1kΩ
1MΩ
220V
33nF
1kΩ
825Ω
I
TO SPI BUS
3
4
19
5
6
24
23
21
22
18
12
SAME AS
IAP, IAN
SAME AS VAP
SAME AS VAP
ADE7758
CURRENT
TRANSFORMER
17
VARCF
CT TURN RATIO 1800:1
CHANNEL 2 GAIN = +1
CHANNEL 1 GAIN RB
110Ω
25Ω
42.5Ω
81.25Ω
Figure 34. Test Circuit for Integrator Off
REFIN/OUT
33nF
1kΩ
33nF
1kΩ
33nF
1kΩ
33nF
1kΩ
100nF
10µF
VDD
VN
IAN
IBP
IBN
ICP
ICN
VAP
AVDD DVDD
VBP
VCP
AGND DGND
DOUT
SCLK
APCF
CLKOUT
CLKIN
CS
DIN
IRQ
10MHz
22pF
22pF
PS2501-1
13
11
2
1
TO FREQ.
COUNTER
14
23
20
IAP
SAME AS
IAP, IAN
9
8
7
10
16
15
14
100nF
10µF
33nF
1kΩ
1MΩ
220V
33nF
1kΩ
825Ω
TO SPI BUS
3
4
19
5
6
24
23
21
22
18
12
SAME AS
IAP, IAN
SAME AS VAP
SAME AS VAP
ADE7758
I
di/dt SENSOR
17
VARCF
CHANNEL 1 GAIN = +8
CHANNEL 2 GAIN = +1
Figure 35. Test Circuit for Integrator On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com