Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758 Datasheet(PDF) 57 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 53Page - Analog Devices ADE7758_15 Datasheet HTML 54Page - Analog Devices ADE7758_15 Datasheet HTML 55Page - Analog Devices ADE7758_15 Datasheet HTML 56Page - Analog Devices ADE7758_15 Datasheet HTML 57Page - Analog Devices ADE7758_15 Datasheet HTML 58Page - Analog Devices ADE7758_15 Datasheet HTML 59Page - Analog Devices ADE7758_15 Datasheet HTML 60Page - Analog Devices ADE7758_15 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 57 of 72
GLOBAL
INTERRUPT
MASK
ISR RETURN
GLOBAL INTERRUPT
MASK RESET
CLEAR MCU
INTERRUPT
FLAG
READ
STATUS WITH
RESET (0x1A)
ISR ACTION
(BASED ON STATUS CONTENTS)
MCU
INTERRUPT
FLAG SET
PROGRAM
SEQUENCE
t1
t2
t3
JUMP
TO
ISR
JUMP
TO
ISR
IRQ
Figure 87. ADE7758 Interrupt Management
STATUS REGISTER CONTENTS
SCLK
DIN
DOUT
READ STATUS REGISTER COMMAND
t1
CS
00
0
1
00
0
DB15
DB8 DB7
DB0
1
t9
t11
t12
IRQ
Figure 88. ADE7758 Interrupt Timing
COMMUNICATIONS
REGISTER
IN
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
REGISTER NO. 1
REGISTER NO. 2
REGISTER NO. 3
REGISTER NO. n–1
REGISTER NO. n
REGISTER
ADDRESS
DECODE
DIN
DOUT
Figure 89. Addressing ADE7758 Registers via the Communications Register
The communications register is an 8-bit, write-only register.
The MSB determines whether the next data transfer operation
is a read or a write. The seven LSBs contain the address of the
register to be accessed (see Table 16).
Figure 90 and Figure 91 show the data transfer sequences for a
read and write operation, respectively.
MULTIBYTE
COMMUNICATIONS REGISTER WRITE
DIN
SCLK
DOUT
READ DATA
ADDRESS
0
CS
Figure 90. Reading Data from the ADE7758 via the Serial Interface
COMMUNICATIONS REGISTER WRITE
DIN
SCLK
ADDRESS
1
CS
MULTIBYTE READ DATA
Figure 91. Writing Data to the ADE7758 via the Serial Interface
On completion of a data transfer (read or write), the ADE7758
once again enters into communications mode, that is, the next
instruction followed must be a write to the communications
register.
A data transfer is completed when the LSB of the ADE7758
register being addressed (for a write or a read) is transferred to
or from the ADE7758.
SERIAL WRITE OPERATION
The serial write sequence takes place as follows. With the
ADE7758 in communications mode and the CS input logic low,
a write to the communications register takes place first. The
MSB of this byte transfer must be set to 1, indicating that the
next data transfer operation is a write to the register. The seven
LSBs of this byte contain the address of the register to be written
to. The
starts shifting in the register data on the next
falling edge of SCLK. All remaining bits of register data are
shifted in on the falling edge of the subsequent SCLK pulses
(see
).
ADE7758
Figure 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com