Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758 Datasheet(PDF) 52 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 48Page - Analog Devices ADE7758_15 Datasheet HTML 49Page - Analog Devices ADE7758_15 Datasheet HTML 50Page - Analog Devices ADE7758_15 Datasheet HTML 51Page - Analog Devices ADE7758_15 Datasheet HTML 52Page - Analog Devices ADE7758_15 Datasheet HTML 53Page - Analog Devices ADE7758_15 Datasheet HTML 54Page - Analog Devices ADE7758_15 Datasheet HTML 55Page - Analog Devices ADE7758_15 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 52 of 72
If it is not known, the line period is available in the ADE7758
frequency register, FREQ (0x10). To configure line period
measurement, select the phase for period measurement in the
MMODE[1:0] and set LCYCMODE[7]. Equation 72 shows how
to determine the value that needs to be written to xPHCAL
using the period register measurement.
°
×
×
=
360
]
0
:
11
[
_
_
μs
6
.
9
FREQ
Weight
LSB
PHCAL
Error
Phase
xPHCAL
(72)
Example: Phase Calibration Using Line Accumulation
This example shows only Phase A phase calibration. All three
PHCAL registers can be calibrated simultaneously using the
same method.
For this example, ITEST = 10 A, VNOM = 220 V, power factor = 0.5
inductive, and frequency = 50 Hz. Also, LINECYC = 0x800.
With ITEST, VNOM, and 0.5 inductive power factor, the example
ADE7758 meter shows 7318d in the AWATTHR (0x01) register.
14804d in the AWATTHR register. This is equivalent to
−1.132% error.
%
132
.
1
01132
.
0
2
14804
2
14804
–
7318
−
=
−
=
=
Error
The Phase Error in degrees using Equation 66 is 0.374°.
()
°
=
⎟
⎠
⎞
⎛ − 01132
.
0
⎜
⎝
=
°
374
.
0
3
sin
–Arc
Error
Phase
Using Equation 72, the value written to APHCAL (0x3F), if at
50 Hz, the FREQ (0x10) register = 2085d, is 17d. Note that a
PHCAL_LSB_Weight of 1.2 μs is used because the %Error is
negative.
11
x
0
17
360
2085
2
.
1
6
.
9
374
.
0
=
=
×
×
°
=
APHCAL
For unity power factor (after gain calibration), the meter shows
STEP 1
SET MMODE,
LCYCMODE,
LINECYC AND
MASK REGISTERS
STEP 2
SET UP SYSTEM
FOR IMIN,VNOM
@PF = 1
STEP 3
RESET STATUS
REGISTER
STEP 4
READ ALL
xWATTHR
REGISTERS AFTER
LENERGY
INTERRUPT
END
FOR STEP 8
READ ALL xVARHR
AFTER LENERGY
INTERRUPT
FOR STEP 8, CALCULATE
xVAROS FOR ALL PHASES
STEP 5
CALCULATE
xWATTOS FOR ALL
PHASES
FOR STEP 8, WRITE TO
ALL xVAROS REGISTERS
STEP 6
WRITE TO ALL
xWATTOS
REGISTERS
STEP 7
SET UP SYSTEM
FOR ITEST,VNOM @
PF = 0, INDUCTIVE
STEP 8
REPEAT STEP 3 TO
STEP 8 FOR
xVARHR, xVAROS
CALIBRATION
Figure 84. Power Offset Calibration Using Line Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com