Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 32Page - Analog Devices ADE7758_15 Datasheet HTML 33Page - Analog Devices ADE7758_15 Datasheet HTML 34Page - Analog Devices ADE7758_15 Datasheet HTML 35Page - Analog Devices ADE7758_15 Datasheet HTML 36Page - Analog Devices ADE7758_15 Datasheet HTML 37Page - Analog Devices ADE7758_15 Datasheet HTML 38Page - Analog Devices ADE7758_15 Datasheet HTML 39Page - Analog Devices ADE7758_15 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 36 of 72
The phase-shift filter has –90° phase shift when the integrator is
enabled and +90° phase shift when the integrator is disabled. In
addition, the filter has a nonunity magnitude response. Because
the phase-shift filter has a large attenuation at high frequency,
the reactive power is primarily for the calculation at line
frequency. The effect of harmonics is largely ignored in the
reactive power calculation. Note that because of the magnitude
characteristic of the phase shifting filter, the LSB weight of the
reactive power calculation is slightly different from that of the
active power calculation (see the Energy Registers Scaling
section). The ADE7758 uses the line frequency of the phase
selected in the FREQSEL[1:0] bits of the MMODE[1:0] to
compensate for attenuation of the reactive energy phase shift
filter over frequency (see the Period Measurement section).
Reactive Power Gain Calibration
The average reactive power from the LPF output in each phase
can be scaled by ±50% by writing to the phase’s VAR gain register
(AVARG, BVARG, or CVARG). The VAR gain registers are twos
complement, signed registers and have a resolution of 0.024%/LSB.
The function of the VAR gain registers is expressed by
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
12
2
1
2
gister
Re
Gain
VAR
Output
LPF
Power
Reactive
Average
(32)
The output is scaled by –50% by writing 0x800 to the VAR gain
registers and increased by +50% by writing 0x7FF to them.
These registers can be used to calibrate the reactive power (or
energy) calculation in the ADE7758 for each phase.
Reactive Power Offset Calibration
The ADE7758 incorporates a VAR offset register on each phase
(AVAROS, BVAROS, and CVAROS). These are signed twos
complement, 12-bit registers that are used to remove offsets in
the reactive power calculations. An offset can exist in the power
calculation due to crosstalk between channels on the PCB or in
the chip itself. The offset calibration allows the contents of the
reactive power register to be maintained at 0 when no reactive
power is being consumed. The offset registers’ resolution is the
same as the active power offset registers (see the Apparent
Power Offset Calibration section).
Sign of Reactive Power Calculation
Note that the average reactive power is a signed calculation. As
stated previously, the phase shift filter has –90° phase shift when
the integrator is enabled and +90° phase shift when the
integrator is disabled.
Table 12 summarizes the relationship between the phase difference
between the voltage and the current and the sign of the resulting
VAR calculation.
The ADE7758 has a sign detection circuit for the reactive power
calculation. The REVPRP bit (Bit 18) in the interrupt status
register is set if the average reactive power from any one of the
phases changes. The phases monitored are selected by TERMSEL
bits in the COMPMODE register (see Table 21). If the REVPRP
bit is set in the mask register, the IRQ logic output goes active
low (see the
section). Note that this bit is set whenever
there is a sign change; that is, the bit is set for either a positive-
to-negative change or a negative-to-positive change of the sign
bit. The response time of this bit is approximately 176 ms for a
full-scale signal, which has an average value of 0xCCCCD at the
low-pass filter output. For smaller inputs, the time is longer.
Interrupts
CLKIN
ue
AverageVal
ms
sponseTime
Re
4
2
60
1
25
×
⎥
⎦
⎤
⎢
⎣
⎡
+
≅
(33)
Table 12. Sign of Reactive Power Calculation
Φ1
Integrator
Sign of Reactive Power
Between 0 to +90
Off
Positive
Between −90 to 0
Off
Negative
Between 0 to +90
On
Positive
Between −90 to 0
On
Negative
1 Φ is defined as the phase angle of the voltage signal minus the current
signal; that is, Φ is positive if the load is inductive and negative if the load is
capacitive.
Reactive Energy Calculation
Reactive energy is defined as the integral of reactive power.
()dt
t
q
Energy
Reactive
∫
=
(34)
Similar to active power, the ADE7758 achieves the integration
of the reactive power signal by continuously accumulating the
reactive power signal in the internal 41-bit accumulation
registers. The VAR-hr registers (AVARHR, BVARHR, and
CVARHR) represent the upper 16 bits of these internal
registers. This discrete time accumulation or summation is
equivalent to integration in continuous time. Equation 35
expresses the relationship
()
()
⎭
⎬
⎫
⎩
⎨
⎧
×
=
=
∑
∫
∞
=
→
0
n
0
Lim
dt
T
nT
q
t
q
Energy
Reactive
T
(35)
where:
n is the discrete time sample number.
T is the sample period.
Figure 73 shows the signal path of the reactive energy accumula-
tion. The average reactive power signal is continuously added
to the internal reactive energy register. This addition is a signed
operation. Negative energy is subtracted from the reactive energy
register. The average reactive power is divided by the content
of the VAR divider register before it is added to the corresponding
VAR-hr accumulation registers. When the value in the
VARDIV[7:0] register is 0 or 1, the reactive power is accumulated
without any division.
VARDIV is an 8-bit unsigned register that is useful to lengthen
the time it takes before the VAR-hr accumulation registers
overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com