Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758 Datasheet(PDF) 40 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 36Page - Analog Devices ADE7758_15 Datasheet HTML 37Page - Analog Devices ADE7758_15 Datasheet HTML 38Page - Analog Devices ADE7758_15 Datasheet HTML 39Page - Analog Devices ADE7758_15 Datasheet HTML 40Page - Analog Devices ADE7758_15 Datasheet HTML 41Page - Analog Devices ADE7758_15 Datasheet HTML 42Page - Analog Devices ADE7758_15 Datasheet HTML 43Page - Analog Devices ADE7758_15 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 40 of 72
Apparent Energy Calculation
Apparent energy is defined as the integral of apparent power.
Apparent Energy = ∫ S(t)dt
(41)
Similar to active or reactive power accumulation, the fastest
integration time occurs when the VAGAIN registers are set to
maximum full scale, that is, 0x7FF. When overflow occurs, the
content of the VA-hr accumulation registers can roll over to 0
and continue increasing in value.
Similar to active and reactive energy, the ADE7758 achieves the
integration of the apparent power signal by continuously
accumulating the apparent power signal in the internal 41-bit,
unsigned accumulation registers. The VA-hr registers (AVAHR,
BVAHR, and CVAHR) represent the upper 16 bits of these
internal registers. This discrete time accumulation or
summation is equivalent to integration in continuous time.
Equation 42 expresses the relationship
By setting the VAEHF bit (Bit 2) of the mask register, the ADE7758
can be configured to issue an interrupt (IRQ) when the MSB of
any one of the three VA-hr accumulation registers has changed,
indicating that the accumulation register is half full.
Setting the RSTREAD bit (Bit 6) of the LCYMODE register
enables a read-with-reset for the VA-hr accumulation registers;
that is, the registers are reset to 0 after a read operation.
()
()
⎭
⎬
⎫
⎩
⎨
⎧
×
=
=
∑
∫
∞
=
→
0
n
0
T
Lim
dt
T
nT
S
t
S
Energy
Apparent
(42)
Integration Time Under Steady Load
The discrete time sample period (T) for the accumulation register
is 0.4 μs (4/CLKIN). With full-scale, 60 Hz sinusoidal signals on
the analog inputs and the VAGAIN registers set to 0x000, the
average word value from each LPF2 is 0xB9954. The maximum
value that can be stored in the apparent energy register before it
overflows is 216 − 1 or 0xFFFF. As the average word value is first
added to the internal register, which can store 241 − 1 or 0x1FF,
FFFF, FFFF before it overflows, the integration time under these
conditions with VADIV = 0 is calculated as
where:
n is the discrete time sample number.
T is the sample period.
Figure 76 shows the signal path of the apparent energy accumu-
lation. The apparent power signal is continuously added to the
internal apparent energy register. The average apparent power is
divided by the content of the VA divider register before it is
added to the corresponding VA-hr accumulation register. When
the value in the VADIV[7:0] register is 0 or 1, apparent power is
accumulated without any division. VADIV is an 8-bit unsigned
register that is useful to lengthen the time it takes before the
VA-hr accumulation registers overflow.
sec
1.157
μs
0.4
0xB9954
FFFF
FFFF,
0x1FF,
=
×
=
Time
(43)
When VADIV is set to a value different from 0, the time before
overflow is scaled accordingly, as shown in Equation 44.
Time = Time(VADIV = 0) × VADIV
(44)
VOLTAGE RMS SIGNAL
0x174BAC
60Hz
0x0
0x17F263
50Hz
0x0
CURRENT RMS SIGNAL
0x1C82B
0x00
MULTIPLIER
IRMS
VRMS
VAG[11:0]
VADIV[7:0]
+
+
LPF2
%
VARHR[15:0]
15
0
40
0
APPARENT POWER IS
ACCUMULATED (INTEGRATED) IN
THE VA-HR ACCUMULATION REGISTERS
Figure 76. ADE7758 Apparent Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com