Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7758 Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 37Page - Analog Devices ADE7758_15 Datasheet HTML 38Page - Analog Devices ADE7758_15 Datasheet HTML 39Page - Analog Devices ADE7758_15 Datasheet HTML 40Page - Analog Devices ADE7758_15 Datasheet HTML 41Page - Analog Devices ADE7758_15 Datasheet HTML 42Page - Analog Devices ADE7758_15 Datasheet HTML 43Page - Analog Devices ADE7758_15 Datasheet HTML 44Page - Analog Devices ADE7758_15 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 41 of 72
Table 14. Inputs to VA-Hr Accumulation Registers
CONSEL[1, 0]
AVAHR1
BVAHR
CVAHR
00
AVRMS × AIRMS
BVRMS × BIRMS
CVRMS × CIRMS
01
AVRMS × AIRMS
AVRMS + CVRMS/2 × BIRMS
CVRMS × CIRMS
10
AVRMS × AIRMS
BVRMS × BIRMS
CVRMS × CIRMS
11
Reserved
Reserved
Reserved
1 AVRMS/BVRMS/CVRMS are the rms voltage waveform, and AIRMS/BIRMS/CIRMS are the rms values of the current waveform.
Energy Accumulation Mode
The apparent power accumulated in each VA-hr accumulation
register (AVAHR, BVAHR, or CVAHR) depends on the con-
figuration of the CONSEL bits in the COMPMODE register
(Bit 0 and Bit 1). The different configurations are described in
Table 14.
The contents of the VA-hr accumulation registers are affected
by both the registers for rms voltage gain (VRMSGAIN), as well
as the VAGAIN register of the corresponding phase.
Apparent Power Frequency Output
Pin 17 (VARCF) of the ADE7758 provides frequency output for
the total apparent power. By setting the VACF bit (Bit 7) of the
WAVMODE register, this pin provides an output frequency that
is directly proportional to the total apparent power.
A digital-to-frequency converter (DFC) is used to generate the
pulse output from the total apparent power. The TERMSEL bits
(Bit 2 to Bit 4) of the COMPMODE register can be used to
select which phases to include in the total power calculation.
Setting Bit 2, Bit 3, and Bit 4 includes the input to the AVAHR,
BVAHR, and CVAHR registers in the total apparent power
calculation. A pair of frequency divider registers, namely
VARCFDEN and VARCFNUM, can be used to scale the output
frequency of this pin. Note that either VAR or apparent power
can be selected at one time for this frequency output (see the
Reactive Power Frequency Output section).
Line Cycle Apparent Energy Accumulation Mode
The line cycle apparent energy accumulation mode is activated
by setting the LVA bit (Bit 2) in the LCYCMODE register. The
total apparent energy accumulated over an integer number of
zero crossings is written to the VA-hr accumulation registers
after the LINECYC number of zero crossings is detected. The
operation of this mode is similar to watt-hr accumulation (see
the Line Cycle Active Energy Accumulation Mode section).
When using the line cycle accumulation mode, the RSTREAD
bit (Bit 6) of the LCYCMODE register should be set to Logic 0.
Note that this mode is especially useful when the user chooses
to perform the apparent energy calculation using the vectorial
method.
By setting LWATT and LVAR bits (Bit 0 and Bit 1) of the
LCYCMODE register, the active and reactive energies are
accumulated over the same period. Therefore, the MCU can
perform the squaring of the two terms and then take the square
root of their sum to determine the apparent energy over the
same period.
ENERGY REGISTERS SCALING
The ADE7758 provides measurements of active, reactive, and
apparent energies that use separate signal paths and filtering for
calculation. The differences in the datapaths can result in small
differences in LSB weight between the active, reactive, and
apparent energy registers. These measurements are internally
compensated so that the scaling is nearly one to one. The
relationship between the registers is shown in Table 15.
Table 15. Energy Registers Scaling
Frequency
60 Hz
50 Hz
Integrator Off
VAR
1.004 × WATT
1.0054 × WATT
VA
1.00058 × WATT
1.0085 × WATT
Integrator On
VAR
1.0059 × WATT
1.0064 × WATT
VA
1.00058 × WATT
1.00845 × WATT
WAVEFORM SAMPLING MODE
The waveform samples of the current and voltage waveform, as
well as the active, reactive, and apparent power multiplier out-
puts, can all be routed to the WAVEFORM register by setting
the WAVSEL[2:0] bits (Bit 2 to Bit 4) in the WAVMODE
register. The phase in which the samples are routed is set by
setting the PHSEL[1:0] bits (Bit 0 and Bit 1) in the WAVMODE
register. All energy calculation remains uninterrupted during
waveform sampling. Four output sample rates can be chosen by
using Bit 5 and Bit 6 of the WAVMODE register (DTRT[1:0]).
The output sample rate can be 26.04 kSPS, 13.02 kSPS,
6.51 kSPS, or 3.25 kSPS (see Table 20).
By setting the WFSM bit in the interrupt mask register to
Logic 1, the interrupt request output IRQ goes active low when
a sample is available. The 24-bit waveform samples are
transferred from the ADE7758 one byte (8 bits) at a time, with
the most significant byte shifted out first.
The interrupt request output IRQ stays low until the interrupt
routine reads the reset status register (see the Interrupts section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com