Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2653 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 2Page - STMicroelectronics AN2653 Datasheet HTML 3Page - STMicroelectronics AN2653 Datasheet HTML 4Page - STMicroelectronics AN2653 Datasheet HTML 5Page - STMicroelectronics AN2653 Datasheet HTML 6Page - STMicroelectronics AN2653 Datasheet HTML 7Page - STMicroelectronics AN2653 Datasheet HTML 8Page - STMicroelectronics AN2653 Datasheet HTML 9Page - STMicroelectronics AN2653 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Stability in voltage follower configuration
AN2653
6/22
2
Stability in voltage follower configuration
This section examines a voltage follower configuration because it is the worst case scenario
for stability (compared with a gain configuration).
In voltage follower configuration, the loop gain is:
The capacitive load adds a pole to the loop gain that impacts the stability of the system. The
higher the frequency of this pole, the greater the stability. In fact, if the pole frequency is
lower than or close to the unity gain frequency, the pole can have a significant negative
impact on phase and gain margins. It means that the stability decreases when the
capacitive load increases.
Without CL, the system is stable. However, Figure 11 and Figure 12 show, for the TS507, the
oscillations due to instability with and without an AC input signal for a capacitive load of
550 pF. The oscillation frequency is in line with the peaking frequency observed in a closed
loop gain configuration (approximately 1.9 MHz according to Figure 10).
Figure 9.
Voltage follower configuration
Figure 10.
Closed loop gain measured for a
voltage follower configuration
Voltage Follower Configuration - Closed Loop Gain
-40
-30
-20
-10
0
10
20
Frequency (Hz)
Gain without CL
Gain with CL = 550 pF
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
RL = 10 kΩ
Without CL
CL=550 pF
V
r
V
s
------
–
A
ω
()
1
Z
o
R
L
-------
jZ
oCLω
++
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com