Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2653 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2653 Datasheet HTML 1Page - STMicroelectronics AN2653 Datasheet HTML 2Page - STMicroelectronics AN2653 Datasheet HTML 3Page - STMicroelectronics AN2653 Datasheet HTML 4Page - STMicroelectronics AN2653 Datasheet HTML 5Page - STMicroelectronics AN2653 Datasheet HTML 6Page - STMicroelectronics AN2653 Datasheet HTML 7Page - STMicroelectronics AN2653 Datasheet HTML 8Page - STMicroelectronics AN2653 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
November 2007
Rev 1
1/22
AN2653
Application note
Operational amplifier stability compensation methods
for capacitive loading applied to TS507
Introduction
Who has never experienced oscillations issues when using an operational amplifier? Op-
amps are often used in a simple voltage follower configuration. However, this is not the best
configuration in terms of capacitive loading and potential risk of oscillations.
Capacitive loads have a big impact on the stability of operational amplifier-based
applications. Several compensation methods exist to stabilize a standard op-amp. This
application note describes the most common ones, which can be used in most cases.
The general theory of each compensation method is explained, and based on this, specific
data is provided for the TS507. The TS507 is a high precision rail-to-rail amplifier, with very
low input offset voltage, and a 1.9 MHz gain bandwidth product, which is available in
SOT23-5 and SO-8 packages.
This document simplifies the task of designing an application that includes the TS507. It
spares you the time-consuming effort of trying numerous combinations on bench, and it is
also much more accurate than using Spice models which are not designed to study system
stability, even though they can give a general trend.
www.st.com


Similar Part No. - AN2653

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN265 SILABS-AN265 Datasheet
578Kb / 20P
2ND-GENERATION PROSLIC짰 GUI USER?셎 GUIDE
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
AN2654 STMICROELECTRONICS-AN2654 Datasheet
800Kb / 26P
CCFL backlight half-bridge topology based on L6574 and STD7NS20
23-May-2008
AN2657 STMICROELECTRONICS-AN2657 Datasheet
291Kb / 18P
An innovative verilog model for predicting
27-Nov-2007
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
Using the analog to digital converter of the STM8S microcontroller
08-Jul-2009
More results

Similar Description - AN2653

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Analog Devices
OP-41 AD-OP-41 Datasheet
505Kb / 6P
LOW-BIAS-CURRENT, HIGH-STABILITY JFET OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1106 INTERSIL-HFA1106 Datasheet
616Kb / 16P
315MHz, Low Power, Video Operational Amplifier with Compensation Pin
September 1998
logo
Harris Corporation
HFA1106 HARRIS-HFA1106 Datasheet
891Kb / 14P
315MHz, Low Power Video Operational Amplifier with Compensation Pin
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
Analog Devices
OP41AJ AD-OP41AJ Datasheet
505Kb / 11P
Low-Bias-Current, High-Stability JFET Operational Amplifier
OP-41 AD-OP-41_15 Datasheet
3Mb / 11P
LOW BIAS CURRENT HIGH STABILITY JFET OPERATIONAL AMPLIFIER
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com