Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2653 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 14Page - STMicroelectronics AN2653 Datasheet HTML 15Page - STMicroelectronics AN2653 Datasheet HTML 16Page - STMicroelectronics AN2653 Datasheet HTML 17Page - STMicroelectronics AN2653 Datasheet HTML 18Page - STMicroelectronics AN2653 Datasheet HTML 19Page - STMicroelectronics AN2653 Datasheet HTML 20Page - STMicroelectronics AN2653 Datasheet HTML 21Page - STMicroelectronics AN2653 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AN2653
Snubber network compensation method
19/22
The results are almost the same whether RL = 1 kΩ, 10 kΩ or 100 kΩ because in all cases, at
the frequency range that has a significant impact on stability, the resistive load on the
amplifier is RSN // RL
≅ R
SN.
From Table 7, you can see that, in the case of a voltage follower configuration, this
compensation method doesn’t work for capacitive loads higher than 1 nF because CSN is
limited to 100 nF. Figure 27 and Figure 28 show that lower RSN values would give better
results. However, in this case, these abacus are not valid because the CSN impedance is not
negligible compared with RSN at the frequency range where RSN plays its role of stabilizer.
For RL = 10 kΩ and CL = 1 nF, the snubber network compensation method gives the loop
gain and closed loop gain shown in Figure 31 and Figure 32 respectively.
This compensation has the main advantage of neither reducing the output swing nor the
gain accuracy, unlike the two other compensation methods. Nevertheless, for the TS507,
this method is limited to capacitive loads lower than 1 nF in a voltage follower configuration,
and the stability improvement provided by the compensation is not as good as with the two
other methods.
Table 10.
Results of snubber network compensation for different load conditions in the case of
a gain configuration of either -30 or +31 (Rg = 100 Ω and Rf = 3 kΩ) for TS507
CL
RL =1kΩ
RL =10kΩ
RL =100 kΩ
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
1nF
26
88.2 °
25.2
88.4 °
25.1
88.4 °
198
100
29.8
87.3 °
168.5
100
29.8
87.3 °
166
100
29.8
87.3 °
10 nF
7.9
87.9 °
7.2
88 °
7.1
88.1 °
30.7
100
19.6
82.7 °
30
100
19.2
82.7 °
30
100
19.1
82.8 °
100 nF
-4.2
-44.7 °
-4.5
-45.8 °
-4.5
-45.9 °
16.6
100
3.4
63.8 °
16.5
100
3.3
64 °
16.5
100
3.3
64.1 °
1.
Negative values indicate instability.
Figure 31.
Loop gain
Figure 32.
Measured closed loop gain
Voltage Follower Configuration - Loop Gain
Compensation with the Snubber Network Technique
-30
-10
10
30
50
70
90
110
130
150
Frequency (Hz)
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
Gain without Compensation
Gain with RSN = 30 Ω and CSN = 100 nF
Phase without Compensation
Phase with RSN = 30 Ω and CSN = 100 nF
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
RL = 10 kΩ
CL = 1 nF
Voltage Follower Configuration - Closed Loop Gain
Compensation with the Snubber Network Technique
-40
-30
-20
-10
0
10
20
Frequency (Hz)
Gain without Compensation
Gain with RSN = 30 Ω and CSN = 100 nF
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
RL = 10 kΩ
CL = 1 nF
Without Compensation
With Snubber Network Compensation Technique



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com