Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2653 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 14Page - STMicroelectronics AN2653 Datasheet HTML 15Page - STMicroelectronics AN2653 Datasheet HTML 16Page - STMicroelectronics AN2653 Datasheet HTML 17Page - STMicroelectronics AN2653 Datasheet HTML 18Page - STMicroelectronics AN2653 Datasheet HTML 19Page - STMicroelectronics AN2653 Datasheet HTML 20Page - STMicroelectronics AN2653 Datasheet HTML 21Page - STMicroelectronics AN2653 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Conclusion
AN2653
20/22
6
Conclusion
Based on the results of the three compensation methods described in this application note,
it can be stated that the best compensation solution for the TS507 is the in-the-loop method.
This is the most complex solution to understand, but a pick-up table is provided in order to
choose the most appropriate components for your application. The main drawback of this
compensation method is a limited output swing.
The out-of-the-loop compensation method is easy to implement because it requires only
one extra component. The way it works is also easy to understand. However, its main
limitation is an inaccuracy on the output voltage because the load is part of a divider bridge.
An abacus is provided to choose the component you need for your application.
Finally, the snubber method is easy to understand and use. It does not have the drawbacks
of the first two solutions. But because the loop gain cannot be considered as a pure third-
order system (because of the open loop gain of the amplifier and the variations of the output
impedance which is not purely resistive and constant over frequency), it does not lead to
great improvements, and it is limited to load capacitors lower than 1 nF in the case of the
TS507. An abacus is also provided for this compensation method. Another drawback of this
solution is that it potentially limits the frequency range of the application for large output
signals due to a strong current flowing through the compensation elements. This
compensation method is not really useful for the TS507.
In conclusion, for the TS507, whenever possible, we recommend to use the in-the-loop
compensation method.
Note, that this document provides typical values for the TS507 at ambient temperature.
Therefore, your chosen solution must in any case be checked on bench.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com