Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2653 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 14Page - STMicroelectronics AN2653 Datasheet HTML 15Page - STMicroelectronics AN2653 Datasheet HTML 16Page - STMicroelectronics AN2653 Datasheet HTML 17Page - STMicroelectronics AN2653 Datasheet HTML 18Page - STMicroelectronics AN2653 Datasheet HTML 19Page - STMicroelectronics AN2653 Datasheet HTML 20Page - STMicroelectronics AN2653 Datasheet HTML 21Page - STMicroelectronics AN2653 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Snubber network compensation method
AN2653
18/22
Table 7 to Table 10 give the results of compensation in a follower configuration and several
gain configurations for different load conditions.
Table 7.
Results of snubber network compensation for different load conditions in the case of
a voltage follower configuration for TS507
CL
RL =1kΩ
RL =10kΩ
RL =100 kΩ
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
1nF
-4.1
-28.5 °
-5
-34.1 °
-5.1
-34.4 °
34.4
100
7.3
16.9 °
31.6
100
7.7
16.7 °
31.6
100
7.7
16.8 °
10 nF
-22.2
-78.4 °
-22.9
-79.5 °
-23
-79.6 °
13.5
100
-7.5
-18.3 °
13.5
100
-7.6
-18.5 °
13.5
100
-7.7
-18.5 °
1.
Negative values indicate instability.
Table 8.
Results of snubber network compensation for different load conditions in the case of
a gain configuration of either -1 or +2 (Rf = Rg = 1 kΩ) for TS507
CL
RL =1kΩ
RL =10kΩ
RL =100 kΩ
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
1nF
2.4
28.7 °
1.5
19.4 °
1.4
19.6 °
58.9
100
11
37.6 °
56.2
100
10.9
37.6 °
58.9
100
10.6
37.6 °
10 nF
-15.7
-70.9 °
-16.5
-72.4 °
-16.6
-72.6 °
13.5
100
-1.5
-4 °
13.5
100
-1.6
-4.1 °
13.5
100
-1.6
-4.1 °
1.
Negative values indicate instability.
Table 9.
Results of snubber network compensation for different load conditions in the case of
a gain configuration of either -10 or +11 (Rg = 100 Ω and Rf = 1 kΩ) for TS507
CL
RL =1kΩ
RL =10kΩ
RL =100 kΩ
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
RSN
(
Ω)
CSN
(nF)
Mg(1)
(dB)
M
ϕ(1)
(degree)
1nF
17.6
84.7 °
16.8
85.1 °
16.7
85.2 °
171.1
100
21.6
81.8 °
149.1
100
21.6
81.8 °
146.8
100
21.6
81.8 °
10 nF
-0.6
-16.1 °
-1.3
-25.7 °
-1.4
-25.9 °
26.1
100
11.3
60.6 °
25.7
100
11.3
60.7 °
25.5
100
11.3
60.6 °
100 nF
-13
-69.2 °
-13.3
-69.8 °
-13.3
-69.9 °
17.1
100
-5.2
-33.3 °
15.3
100
-5.4
-31.7 °
15.3
100
-5.4
-31.7 °
1.
Negative values indicate instability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com