Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2653 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 7Page - STMicroelectronics AN2653 Datasheet HTML 8Page - STMicroelectronics AN2653 Datasheet HTML 9Page - STMicroelectronics AN2653 Datasheet HTML 10Page - STMicroelectronics AN2653 Datasheet HTML 11Page - STMicroelectronics AN2653 Datasheet HTML 12Page - STMicroelectronics AN2653 Datasheet HTML 13Page - STMicroelectronics AN2653 Datasheet HTML 14Page - STMicroelectronics AN2653 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN2653
Out-of-the-loop compensation method
11/22
Figure 17.
Gain margin abacus in the case of a
voltage follower configuration
Figure 18.
Phase margin abacus in the case of
a voltage follower configuration
Voltage Follower Configuration - Gain Margin Abacus
Applied for Out-of-the-Loop Compensation Method
0.01
0.1
1
10
100
CL (F)
R1 (0 dB)
R1 (4 dB)
R1 (8 dB)
R1 (12 dB)
R1 (16 dB)
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
RL = 10 kΩ
UNSTABLE
STABLE
Voltage Follower Configuration - Phase Margin Abacus
Applied for Out-of-the-Loop Compensation Method
0.01
0.1
1
10
100
CL (F)
R1 (0 °)
R1 (10 °)
R1 (20 °)
R1 (30 °)
R1 (40 °)
UNSTABLE
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
RL = 10 kΩ
STABLE
Figure 19.
Gain margin abacus in the case of a
gain configuration of -10 or +11
Figure 20.
Phase margin abacus in the case of
a gain configuration of -10 or +11
Gain Configuration of either -10 or +11 - Gain Margin Abacus
Applied for Out-of-the-Loop Compensation Method
0.01
0.1
1
10
100
CL (F)
R1 (0 dB)
R1 (10 dB)
R1 (20 dB)
R1 (30 dB)
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
RL = 10 kΩ
UNSTABLE
STABLE
Gain Configuration of either -10 or +11 - Phase Margin Abacus
Applied for Out-of-the-Loop Compensation Method
0.01
0.1
1
10
100
CL (F)
R1 (0 °)
R1 (20 °)
R1 (40 °)
R1 (60 °)
UNSTABLE
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
RL = 10 kΩ
STABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com