Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2653 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 13Page - STMicroelectronics AN2653 Datasheet HTML 14Page - STMicroelectronics AN2653 Datasheet HTML 15Page - STMicroelectronics AN2653 Datasheet HTML 16Page - STMicroelectronics AN2653 Datasheet HTML 17Page - STMicroelectronics AN2653 Datasheet HTML 18Page - STMicroelectronics AN2653 Datasheet HTML 19Page - STMicroelectronics AN2653 Datasheet HTML 20Page - STMicroelectronics AN2653 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AN2653
Snubber network compensation method
17/22
In fact, this compensation introduces a zero and an additional pole into the loop gain:
Because Zo is not a pure resistance over frequency, choosing the minimum RSN is not
always the best case.
5.2
Application on the TS507
For the TS507, according to the abacus in Figure 27 and Figure 28, this compensation
method in the case of a voltage follower configuration, works only if the capacitive load is
less than 1 nF, in order to obtain (at least) a phase margin of 20°.
Figure 29 and Figure 30 are the same abacus in case of a gain of either -10 or +11.
You can use the abacus in Figure 27 to Figure 30 to determine the best RSN value.
V
r
V
s
------
–
A
ω
()
1jR
SNCSNω
+
()
⋅
1
Z
o
R
L
-------
jZ
o CL
C
SN
+
()ω j1
Z
o
R
L
-------
+
⎝⎠
⎛⎞ R
SNCSNω
Z
oRSNCLCSNω
2
–
++
+
----------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
Figure 27.
Gain margin abacus in a voltage
follower configuration
Figure 28.
Phase margin abacus in a voltage
follower configuration
Voltage Follower Configuration - Load Abacus
Gain Margin
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
RL (Ω)
0 dB
10 dB
20 dB
30 dB
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
STABLE
UNSTABLE
Voltage Follower Configuration - Load Abacus
Phase Margin
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
RL (Ω)
0 °
C1 (10 °)
20 °
C1 (30 °)
40 °
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
STABLE
UNSTABLE
Figure 29.
Gain margin abacus in a gain
configuration of either -10 or +11
Figure 30.
Phase margin abacus in a gain
configuration of either -10 or +11
Gain Configuration of either -10 or +11 - Load Abacus
Gain Margin
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
RL (Ω)
0 dB
10 dB
20 dB
30 dB
40 dB
50 dB
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
STABLE
UNSTABLE
Gain Configuration of either -10 or +11 - Load Abacus
Phase Margin
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
RL (Ω)
0 °
20 °
40 °
60 °
80 °
TS507 :
Vcc = 5 V
Vicm = 2,5 V
T = 25 °C
STABLE
UNSTABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com