Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2653 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 8Page - STMicroelectronics AN2653 Datasheet HTML 9Page - STMicroelectronics AN2653 Datasheet HTML 10Page - STMicroelectronics AN2653 Datasheet HTML 11Page - STMicroelectronics AN2653 Datasheet HTML 12Page - STMicroelectronics AN2653 Datasheet HTML 13Page - STMicroelectronics AN2653 Datasheet HTML 14Page - STMicroelectronics AN2653 Datasheet HTML 15Page - STMicroelectronics AN2653 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
In-the-loop compensation method
AN2653
12/22
4
In-the-loop compensation method
4.1
Theoretical overview
Figure 21 shows a commonly used compensation method, often called in-the-loop, because
the additional components (a resistor and a capacitor) used to improve the stability are
inserted in the feedback loop.
The loop gain in this configuration, corresponding to Figure 22, is the following:
It adds a zero and splits the pole caused by the capacitive load into two poles in the loop
gain. This compensation method allows, by a good choice of compensation components, to
compensate the original pole (caused by the capacitive load), and then to improve stability.
The main drawback of this circuit is the reduction of the output swing, because the isolation
resistor is in the signal path.
Note that, for the following cases, RIL is limited to 10% of RL (or Rf // RL in the case of a gain
configuration) even if better results can be obtained with higher RIL values.
But because the feedback loop is taken directly on Vout, the RIL / RL divider bridge does not
create inaccuracy on Vout as it does with the out-of-the-loop method.
4.2
Application on the TS507
In the case of the TS507, the first pole of the loop gain caused by the feedback occurs
around:
Figure 21.
In-the-loop compensation
schematics
Figure 22.
In-the-loop equivalent schematics
for loop gain calculation
V
r
V
s
------
–
A
ω
()
1jR
ILCILω
+
[]
⋅
1
Z
o
R
IL
+
R
L
---------------------
jZ
o
R
IL
+
()C
Lω
jR
IL 1
Z
o
R
L
-------
+
⎝⎠
⎛⎞ C
ILω
Z
oRILCILCLω
2
–
++
+
------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
1
Z
o
R
IL
+
R
L
---------------------
+
2
π
Z
o
R
IL
+
()C
L
R
IL 1
Z
o
R
L
-------
+
⎝⎠
⎛⎞ C
IL
+
⋅
----------------------------------------------------------------------------------------------------
1
2
π
R
IL
R
L
||
() C
IL
C
L
+
()
⋅
-----------------------------------------------------------------------
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com