| Electronic Components Datasheet Search |
|
AN4266 Datasheet(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4266 Datasheet(HTML) 67 Page - STMicroelectronics |
|
67 / 76 page ![]() AN4266 Scenarios for automotive applications: Motor control Doc ID 024283 Rev 2 67/76 5.3.2 Functional safety related outputs Non-maskable interrupt NMI(1) External component (ASIC) Wake-up Unit Critical interrupt routine or error/fault signal coming from external device. Reset signal RESET B External component (ASIC, companion chip) MC_RGM Reset signal coming from external device. Incremental Encoder management ETC[0–1] ETC[0–1] Incremental encoder eTimer_0 eTimer_1 Precautions for usage are presented in Section , Double Read Encoder Inputs. Hall sensors management ETC[2–4] ETC[2–4] Hall sensors eTimer_0 eTimer_1 Precautions for usage are presented in Section , Double Read PWM Inputs. DSPI receive signal SIN External component (ASIC) DSPI_0 If DSPI_0 is used, an appropriate safety protocol must be utilized. DSPI receive signal SIN External component (ASIC) DSPI_1 If DSPI_1 is used, an appropriate safety protocol must be utilized. FlexCAN receive signal CAN_RX External component (ASIC) FlexCAN_0 If FlexCAN_0 is used, an appropriate safety protocol must be utilized. FlexCAN receive signal CAN_RX External component (ASIC) FlexCAN_1 If FlexCAN_1 is used, an appropriate safety protocol must be utilized. FlexRay receive signals FR_CA_RX FR_CB_RX External component (ASIC) FlexRay If FlexRay is used, an appropriate safety protocol must be utilized. 1. The NMI input is not intended or certified for use as the sole mechanism to react to the failure of a system component external to the SPC56xL70xx device. For ASIL D certification, additional measures at the system level are necessary to handle failures of non-SPC56xL70xx components beyond notification of the SPC56xL70xx device via NMI. Table 18. Functional safety inputs for application example 3 (continued) Signal description Input signal (alias) Source Destination (module on SPC56xL70xx) Comments Table 19. Functional safety outputs for application example 3 Signal description Output signal (alias) Source (module on SPC56xL70xx) Destination Comments FCCU output FCCU_F[0] FCCU External component (ASIC) Error out signal, that indicates the presence of a failure in the device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |