Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4266 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 42Page - STMicroelectronics AN4266 Datasheet HTML 43Page - STMicroelectronics AN4266 Datasheet HTML 44Page - STMicroelectronics AN4266 Datasheet HTML 45Page - STMicroelectronics AN4266 Datasheet HTML 46Page - STMicroelectronics AN4266 Datasheet HTML 47Page - STMicroelectronics AN4266 Datasheet HTML 48Page - STMicroelectronics AN4266 Datasheet HTML 49Page - STMicroelectronics AN4266 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
Functional safety requirements for application software
AN4266
46/76
Doc ID 024283 Rev 2
Note:
Rationale: To verify that the two sets of read data compare
It is important to note that this safety integrity function might be applied in addition to Single
Analog Read Inputs, which increases diagnostic coverage.
Figure 14.
Double Read Analog Inputs configuration
Software test implementation
●
ADC0_SWTEST_REGCRC
The ADC_0 configuration registers are read and a CRC checksum is computed. The
checksum is compared to the expected value.
●
ADC1_SWTEST_REGCRC
The ADC_1 configuration registers are read and a CRC checksum is computed. The
checksum is compared to the expected value.
●
SIUL_SWTEST_REGCRC
The SIUL configuration registers are read and a CRC checksum is computed. The
checksum is compared to the expected value.
●
ADC_SWTEST_CMP
This software test is used to execute a comparison between the double acquisition
performed by one channel of ADC_0 and one channel of ADC_1. The comparison
must be approximated because of conversion differences.
ADC_0
Analog Double Read
Configuration
AN[0:8]
ADC_1
AN[0:8]
I
I
I
= Input Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com