Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4266 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 33Page - STMicroelectronics AN4266 Datasheet HTML 34Page - STMicroelectronics AN4266 Datasheet HTML 35Page - STMicroelectronics AN4266 Datasheet HTML 36Page - STMicroelectronics AN4266 Datasheet HTML 37Page - STMicroelectronics AN4266 Datasheet HTML 38Page - STMicroelectronics AN4266 Datasheet HTML 39Page - STMicroelectronics AN4266 Datasheet HTML 40Page - STMicroelectronics AN4266 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
AN4266
Functional safety requirements for application software
Doc ID 024283 Rev 2
37/76
To enable the interrupt in case of error during reload, the IEE flag in the CTUIR register shall
be asserted.
This interrupt is shared between several sources of error. The user can discriminate among
them by reading the CTUEFR register.
Implementation details
The following hardware elements shall be used for the safety function:
●
CTU
●
One eTimer channel
Other requirements for CTU module usage
Mandatory: The only other requirement related to the CTU is that if the CTU is used to read
an analog signal through the ADC, the software shall verify the Invalid Command Error flag
(CTU_CTUEFR[ICR]) after programming the ADC command lists.
Note:
Rationale: To check the presence of invalid commands
3.15
ADC
If the ADC is used in a safety function, the following sections must be observed if an ADC
BIST is to be performed.
It is important to note that the ADC is part of the temperature measuring safety integrity
function, and it is therefore required that the HWBIST functions be executed once after the
boot even if the ADC is not in application use.
3.15.1
Read Analog Inputs
The customer has two options for reading analog inputs:
●
Single Read Analog Inputs
●
Double Read Analog Inputs
Table 10.
Software BIST and/or test
Software BIST or test
Frequency
CTU_HWSWTEST_TRIGGERNUM
Once for every control period (< FTTI)
CTU_SWTEST_TRIGGERTIME
Once for every CTU control period (triggered
mode) or every trigger (sequential mode)
CTU_HWSWTEST_TRIGGEROVERRUN
Once for every trigger
CTU_HWSWTEST_ADCCOMMAND
Once for every ADC command
CTU_SWTEST_ETIMERCOMMAND
Once for every control period (< FTTI)
CTU_HW_CFGINTEGRITY
Once for every control period (< FTTI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com