Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4266 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 6Page - STMicroelectronics AN4266 Datasheet HTML 7Page - STMicroelectronics AN4266 Datasheet HTML 8Page - STMicroelectronics AN4266 Datasheet HTML 9Page - STMicroelectronics AN4266 Datasheet HTML 10Page - STMicroelectronics AN4266 Datasheet HTML 11Page - STMicroelectronics AN4266 Datasheet HTML 12Page - STMicroelectronics AN4266 Datasheet HTML 13Page - STMicroelectronics AN4266 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
General information
AN4266
10/76
Doc ID 024283 Rev 2
Defining these states as safe for the MCU means that the overall system must react safely
to the SPC56xL70xx being in, and entering, any of these states. For the ‘Completely
unpowered’ and ‘Reset’ states the addition of a pullup or pulldown resistor on relevant
signals may be necessary. If an ‘Explicit indication of internal error’ occurs on FCCU_F[0:1],
the application must not depend on the MCU for continued operation. This also means that
the system must be able to remain in a safe state without any additional actions from the
MCU.
Mandatory: The system must transition to a safe state when there is an indication of an
error.
Depending on the configuration the system may disable, or reset, the SPC56xL70xx as a
reaction to the error signal.
If a system continuously switches between a standard operating state and the reset state,
without any device shutdown, the system is not considered to be in a Safe state.
Mandatory: The application must identify and signal such switching as a failure condition.
2.3
Failure indication time
The SPC56xL70xx failure indication time must be taken into consideration when
determining application safety strategies, because it must be less than the FTTI.
Failure indication time has three components, two of which are influenced by configuration
settings: recognition time + internal processing time + indication time.
Each component of failure indication time is described as follows:
●
Recognition time is the maximum of the recognition time of all involved safety
mechanisms. The three mechanisms with the longest time are:
–ADC(a) recognition time is the most demanding HW test in terms of timing. The
self-test requires the ADC conversion to complete a full test. A single full test takes
at least 70 µs(b).
–
Recognition time related to the FMPLL loss of clock: it depends on how the
FMPLL is configured, but is approximately 20 µs.
–
Diagnostic cycle time of software self-tests. This time depends closely on the
software implementation.
●
Internal processing time lasts maximum 10 RC clock cycles (RC is the internal safe
clock with nominal frequency of 16 MHz).
●
Indication time, the time to notify an observer about the failure, depends on indication
protocol configured in the Fault Collection and Control Unit (FCCU):
–
Dual Rail protocol and time switching protocol:
FCCU configured as “fast switching mode”: indication delay is maximum 64 µs. As
soon as FCCU receives a fault signal, FCCU reports the failure to the outside
world via output pin (if properly configured).
0 = FCCU configured as “slow switching mode”: an indication delay could occur. The
maximum delay is equal to period of the error out signal. This parameter shall be
configured equal to its minimum which is 128 µs.
a.
ADC recognition time shall be used only if ADC is used by the safety function.
b.
This value takes into account the steps needed to run the three ADC hardware self-tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com