Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4266 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 35Page - STMicroelectronics AN4266 Datasheet HTML 36Page - STMicroelectronics AN4266 Datasheet HTML 37Page - STMicroelectronics AN4266 Datasheet HTML 38Page - STMicroelectronics AN4266 Datasheet HTML 39Page - STMicroelectronics AN4266 Datasheet HTML 40Page - STMicroelectronics AN4266 Datasheet HTML 41Page - STMicroelectronics AN4266 Datasheet HTML 42Page - STMicroelectronics AN4266 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
AN4266
Functional safety requirements for application software
Doc ID 024283 Rev 2
39/76
Figure 8.
Single Read Analog Input configuration
Hardware BIST
Three types of self-test algorithms have been implemented in the ADC hardware:
●
SUPPLY SELF-TEST
●
RESISTIVE-CAPACITIVE SELF-TEST
●
CAPACITIVE SELF-TEST
Hardware BIST implementationThe hardware BISTs shall be activated by the application in
one of the following modes:
●
CPU mode
●
CTU mode
In CPU mode, the application software takes care of the hardware self-test activation and
checks the test flow and the timing.
In CTU mode, the CTU module takes care of the hardware self-test activation, flow
monitoring, and timing. It is important to note that in this operating mode, the CPU does not
take part in running the hardware self-test.
HW self-tests use analog watchdogs to verify the outcome of self-test conversions. The
reference thresholds of these watchdogs are saved in test sector (See “Test flash memory”
section and “Test flash information” table in the SPC56xL70xx Reference Manual).
Mandatory: Before running the HW self-test, the customer must copy these thresholds from
the test sector into the watchdog registers (See “Self test analog watchdog” section of the
SPC56xL70xx Reference Manual).
ADC_x
Analog Single Read/Write Internal
Readback Configuration
AN[x]
Reference voltages
(Vdd_HV_ADRx and Vss_HV_ADR)
I
I
= Input Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com