Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4266 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 9Page - STMicroelectronics AN4266 Datasheet HTML 10Page - STMicroelectronics AN4266 Datasheet HTML 11Page - STMicroelectronics AN4266 Datasheet HTML 12Page - STMicroelectronics AN4266 Datasheet HTML 13Page - STMicroelectronics AN4266 Datasheet HTML 14Page - STMicroelectronics AN4266 Datasheet HTML 15Page - STMicroelectronics AN4266 Datasheet HTML 16Page - STMicroelectronics AN4266 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
AN4266
Functional safety requirements for application software
Doc ID 024283 Rev 2
13/76
3.1.2
Recommended software requirements
The following sections contain Recommended design constraints for using the
SPC56xL70xx devices in an ASIL D system:
●
Section 3.6, SRAM
●
Section 3.12, Communication peripherals
●
Section 3.13, I/O peripherals
●
Section 3.16, Temperature sensors
●
Section 3.18, Redundancy Control Checking Unit (RCCU)
●
Section 3.19, Cyclic Redundancy Checker Unit (CRC)
●
Section 3.24, Memory Protection Unit (MPU)
●
Section 3.25, Register Protection Module
●
Section 3.26, Error Correction Status Module (ECSM)
3.1.3
Implementation details
The following sections contain implementation details for using the SPC56xL70xx devices in
an ASIL D system:
●
Section 3.2, System Status and Configuration Module (SSCM)
●
Section 3.5, Clock configuration
●
Section 3.7, Flash memory
●
Section 3.8, Interrupt Controller (INTC)
●
Section 3.10, Enhanced Direct Memory Access (eDMA) requests
●
Section 3.13, I/O peripherals
●
Section 3.14, Cross Triggering Unit (CTU)
●
Section 3.16, Temperature sensors
●
Section 3.17, Software Watchdog Timer (SWT)
●
Section 3.19, Cyclic Redundancy Checker Unit (CRC)
●
Section 3.20, Clock Monitor Unit (CMU)
●
Section 3.21, Frequency-Modulated Phase-Locked Loop (FMPLL)
●
Section 3.23, Power Management Unit (PMU)
●
Section 3.25, Register Protection Module
●
Section 3.27, Fault Collection and Control Unit (FCCU)
Note:
A section may contain Mandatory constraints, Recommended constraints,
Implementation hints or any combination of the three.
3.2
System Status and Configuration Module (SSCM)
3.2.1
Configuration
Mandatory: Before executing the safety functions, the SSCM shall be configured to inhibit
unintentional execution of the BAM code.
Note:
Rationale: Since BAM code is not intended to be executed by ASIL D applications, any
execution of the BAM, or part of it, must be inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com