Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4266 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 3Page - STMicroelectronics AN4266 Datasheet HTML 4Page - STMicroelectronics AN4266 Datasheet HTML 5Page - STMicroelectronics AN4266 Datasheet HTML 6Page - STMicroelectronics AN4266 Datasheet HTML 7Page - STMicroelectronics AN4266 Datasheet HTML 8Page - STMicroelectronics AN4266 Datasheet HTML 9Page - STMicroelectronics AN4266 Datasheet HTML 10Page - STMicroelectronics AN4266 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
AN4266
Preface
Doc ID 024283 Rev 2
7/76
1
Preface
This document discusses requirements and assumptions for the use of the SPC56xL70xx
Microcontroller Unit (MCU) in ASIL D applications. It prescribes several measures as
mandatory (or mandatory under certain preconditions, for example, if a certain module is
used) whereby the measure described was assumed to be in place when analyzing the
safety of the MCU.
This document considers:
●
The system assembly that contains the SPC56xL70xx MCU
●
The “Safety Element out of Context” section in the “Road vehicles - Functional safety -
Part 10: Guideline [ISO/DIS 26262-10]” standard
●
Certain assumptions about the assembly's functional safety needs based on that
standard
and determines whether a measure is mandatory or not based on these factors.
What this means for designers using the SPC56xL70xx MCU is that if they don’t fulfill a
specific Safety Application Guide (SAG) prescription they either have to show to their ISO
26262 assessor that the alternative solution is similarly efficient concerning the safety
requirement in question (for example, provides the same coverage, avoids Common Cause
Failure (CCF) as effectively, and so on), or they have to specify the increased failure
rate/reduced Safe Failure Fraction (SFF) they estimate to incur due to the deviation.
Otherwise, the assessor will not recognize the MCU certificate that the customer received
with the MCU.
This document also contains guidelines on how to configure and operate the SPC56xL70xx
for ASIL D applications. These guidelines are preceded by one of the following bold text
statements:
●
Implementation hint
●
Recommended
●
Example
These guidelines are considered to be useful approaches for the specific topics under
discussion, but are not mandatory. The user will need to use discretion in deciding whether
these measures are appropriate for their applications.
This document is valid only under the assumption that the MCU is used in automotive
applications for use cases requiring a fail-silent or a fail-indicate MCU.
Mandatory: This document is only valid if the environmental conditions given in the
SPC56xL70xx data sheet are maintained.
The cores in the SPC56xL70xx can be configured to operate in either Lock-Step Mode
(LSM) or Decoupled Parallel Mode (DPM). In LSM, the outputs of a set of replicated
modules, identified as the Sphere of Replication (SoR, see Section 2.5, Sphere of
Replication for details), are compared to ensure that the operations or transactions that are
executed are identical on a clock per clock basis.
Mandatory: This document is based on the assumption that the SPC56xL70xx is
configured to operate in LSM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com