Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1693 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 48Page - STMicroelectronics UM1693 Datasheet HTML 49Page - STMicroelectronics UM1693 Datasheet HTML 50Page - STMicroelectronics UM1693 Datasheet HTML 51Page - STMicroelectronics UM1693 Datasheet HTML 52Page - STMicroelectronics UM1693 Datasheet HTML 53Page - STMicroelectronics UM1693 Datasheet HTML 54Page - STMicroelectronics UM1693 Datasheet HTML 55Page - STMicroelectronics UM1693 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 196 page
background image
Usage/handling of fault reset and standby
UM1693
52/196
DocID025505 Rev 1
Figure 29. Standby mode activation
The device leaves the Standby mode when any of the above mentioned pins is set high (see
Figure 30).
Figure 30. Standby state diagram
4.3
Flexible blanking time (fault reset management)
On one hand the use of the latch-off functionality provides significant benefits to the
application in terms of safety and reliability due to the very fast reaction and protection
against hazardous conditions induced by heavy overload or short circuit events. On the
other hand it requires from the user a proper selection of the suitable high-side driver for a
given load, in example through load compatibility studies (refer to Chapter 6: Load
compatibility). Concretely, the latch-off functionality might interfere with the load, in case it
has an inrush characteristic as for example an incandescent bulb, a DC motor or a
capacitive load. The transient current, which typically has the highest peak at low ambient
Normal Operation
Stand-by Mode
INx = Low
AND
FaultRST = Low
AND
SEn = Low
AND
SELx = Low
INx = High
OR
FaultRST = High
OR
SEn = High
OR
SELx = High
{
t > t D_STBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com