Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1693 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 31Page - STMicroelectronics UM1693 Datasheet HTML 32Page - STMicroelectronics UM1693 Datasheet HTML 33Page - STMicroelectronics UM1693 Datasheet HTML 34Page - STMicroelectronics UM1693 Datasheet HTML 35Page - STMicroelectronics UM1693 Datasheet HTML 36Page - STMicroelectronics UM1693 Datasheet HTML 37Page - STMicroelectronics UM1693 Datasheet HTML 38Page - STMicroelectronics UM1693 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 196 page
background image
DocID025505 Rev 1
35/196
UM1693
Protection against battery transients
195
These hazards are generated by high current switching like relay contact, high current MOS
or IGBT switches, ignition systems, etc. The electromagnetic field generated by these
circuits directly affects lines or modules near the source of the electromagnetic radiation.
The schematic diagram in Figure 17 indicates how electromagnetic radiation creates such
hazards as electromagnetic interference in electronic modules.
Figure 17. Radiated hazards
3.3
Propagation of electrical hazards on the supply rail
Transients that are generated on the supply rail range mainly concern ISO7637-2 and
ISO10605 standards.
The most energetic transients are those resulting from load-dump and jump start. But all
other hazards may affect the normal operation of electronic modules.
The load-dump is caused by the discharged battery being disconnected from the alternator
while the alternator is generating charging current. This transient can last 400 ms and the
equivalent generator internal resistance is specified as 0.5
Ω minimum to 4 Ω maximum.
According to the ISO 7637-2 standard, the “+100 spikes” are due to supply sudden
interruption of currents in a device connected in parallel with the DUT due to the inductance
of the wiring harness, while the “-150 V spikes” are due to a supply disconnection from
inductive loads.
This chapter deals with voltage transient pulses, detailed on the ISO 7637-2 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com