Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1693 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 28Page - STMicroelectronics UM1693 Datasheet HTML 29Page - STMicroelectronics UM1693 Datasheet HTML 30Page - STMicroelectronics UM1693 Datasheet HTML 31Page - STMicroelectronics UM1693 Datasheet HTML 32Page - STMicroelectronics UM1693 Datasheet HTML 33Page - STMicroelectronics UM1693 Datasheet HTML 34Page - STMicroelectronics UM1693 Datasheet HTML 35Page - STMicroelectronics UM1693 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 196 page
background image
Reverse battery protection
UM1693
32/196
DocID025505 Rev 1
Figure 14. Reverse polarity protection – reverse FET protection
Note that a MOSFET has always an intrinsic anti parallel body diode. If the IN voltage
versus drain is negative the device is turned ON. The MOSFET is fully turned on when
applying the battery voltage and the IN pin goes negative versus drain. Due to the fact that
the Source is at high potential, the MOSFET is a high-side switch not referring to ground; a
charge pump circuit is needed to boost the gate voltage over the source voltage to turn the
MOSFET on.
During reverse polarity of the battery, no voltage will supply the gate of the MOSFET which
will automatically switch off. When IN is left open, device is in OFF state and behaves like a
power diode between source and drain pins. The power losses of an N-channel MOSFET
for a reverse battery protection are determined by the RDS(on) of the device and the load
current. The device is able to withstand an abrupt high load current value, typical of an
application where several HSDs are activated simultaneously, and loads like motors or
bulbs can have a transient current above the devices’ DC Current maximum rating. The
diagram reported in Figure 15 gives information about the safe operating area as well as the
maximum pulsed drain current the device is able to manage during normal operation.
The usage of VN5R003H-E for reverse polarity protection is not recommended, when the
system must be compliant to ISO 7637-2:2011(E) pulse 1 test level IV. In this case in fact it
is needed that the pulse does not discharge through the HSD and the conducting
VN5R003H-E device as this might be destructive for the HSD.
The VNR003H-E is robust against “ISO 7637-2 2004 rev E” pulses in the configuration with
IN pin grounded through a resistance R > 5
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com