Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1693 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 3Page - STMicroelectronics UM1693 Datasheet HTML 4Page - STMicroelectronics UM1693 Datasheet HTML 5Page - STMicroelectronics UM1693 Datasheet HTML 6Page - STMicroelectronics UM1693 Datasheet HTML 7Page - STMicroelectronics UM1693 Datasheet HTML 8Page - STMicroelectronics UM1693 Datasheet HTML 9Page - STMicroelectronics UM1693 Datasheet HTML 10Page - STMicroelectronics UM1693 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 196 page
background image
DocID025505 Rev 1
7/196
UM1693
List of figures
10
List of figures
Figure 1.
Typical application schematics – monolithic devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 2.
Typical application schematics – hybrid devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 3.
Voltage levels during reverse battery (diode + resistor protection). . . . . . . . . . . . . . . . . . . 18
Figure 4.
Negative GND shift (TDEMAG > tD_STBY) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 5.
GND resistor requirements (inductive load)–test setup . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 6.
Measurement example (tDEMAG > tD_STBY) without GND resistor . . . . . . . . . . . . . . . . . . . 22
Figure 7.
Measurement example (tDEMAG > tD_STBY) with 4.7 k
Ω GND resistor . . . . . . . . . . . . . 23
Figure 8.
Generic schematic and test setup with N-channel MOSFET in GND line . . . . . . . . . . . . . 26
Figure 9.
MOSFET solution in GND – experiment VND7020AJ-E, ISOpulse 1 (-150V, 90
Ω) . . . . . 27
Figure 10.
Reverse battery test VN7016AJ-E (13.5 V
→ -4 V, 82 mΩ, R2 = 15 kΩ) as per LV 124:
2009-10 standard . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 11.
Generic schematic and test setup with P-channel MOSFET in VCC line . . . . . . . . . . . . . . 29
Figure 12.
MOSFET solution in VCC – experiment VND7020AJ-E-E, ISOpulse 1 (-100 V, 90 Ω). . . . 30
Figure 13.
Reverse battery test according to LV 124:2009-10: VN7016AJ-E (13.5 V at -4 V,
82 m
Ω, R2 = 1kΩ). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 14.
Reverse polarity protection – reverse FET protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 15.
Maximum current versus duration time of VN5R003H-E . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 16.
Conducted hazards. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 17.
Radiated hazards . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 18.
Various surges occurring in the supply rail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 19.
Internal structures involved during application of ISO 7637-2 pulse 1 in a monolithic HSD
and indication of pin voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 20.
Basic test setup for ISO 7637-2 pulses applied to VND7020AJ-E . . . . . . . . . . . . . . . . . . . 40
Figure 21.
Internal structures involved during application of ISO 7637-2 (2004) pulse 1 in Hybrid
HSD and indication of pin voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 22.
Internal structures involved during application of ISO 7637-2 (2011) pulse 1 in Hybrid
HSD and indication of pin voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 23.
Basic test setup for ISO 7637-2 (2004) pulses applied to VN7004AH-E . . . . . . . . . . . . . . 44
Figure 24.
Recommended GND network for ISO 7637-2 (2011) level IV . . . . . . . . . . . . . . . . . . . . . . 45
Figure 25.
Basic Test setup for ISO 7637-2 (2011) pulses applied to VN7004AH-E. . . . . . . . . . . . . . 46
Figure 26.
Latch functionality - behavior in hard short circuit condition (Tjunction << TTSD). . . . . . . . .50
Figure 27.
Latch functionality - behavior in hard short circuit condition (TR < Tjunction < TTSD) . . . . 50
Figure 28.
Latch functionality - behavior in hard short circuit condition (autorestart mode and
latch-off) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 29.
Standby mode activation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
Figure 30.
Standby state diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 31.
FR handling example - bulb inrush blanking (VNQ7140AJ-E) . . . . . . . . . . . . . . . . . . . . . . 53
Figure 32.
Common FaultRST pin handling example – basic schematic (without decoupling
components) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 33.
FaultRST pin handling concept. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 34.
FaultRST pin handling example - overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 35.
FaultRST pin handling example – detail of diagnostic period . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 36.
FaultRST pin handling example – detail of unlatch pulse (Ch. 2) . . . . . . . . . . . . . . . . . . . . 56
Figure 37.
Monolithic devices, common power supply rails, separate MultiSense . . . . . . . . . . . . . . . 60
Figure 38.
Monolithic devices, common power supply rails, common MultiSense . . . . . . . . . . . . . . . 61
Figure 39.
Monolithic devices, separate power supply rails, common MultiSense . . . . . . . . . . . . . . . 62
Figure 40.
Monolithic and hybrid device, separate power supply rails, separate MultiSense . . . . . . . 63
Figure 41.
Hybrid devices, separate power supply rails, common MultiSense . . . . . . . . . . . . . . . . . . 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com