Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1693 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 42Page - STMicroelectronics UM1693 Datasheet HTML 43Page - STMicroelectronics UM1693 Datasheet HTML 44Page - STMicroelectronics UM1693 Datasheet HTML 45Page - STMicroelectronics UM1693 Datasheet HTML 46Page - STMicroelectronics UM1693 Datasheet HTML 47Page - STMicroelectronics UM1693 Datasheet HTML 48Page - STMicroelectronics UM1693 Datasheet HTML 49Page - STMicroelectronics UM1693 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 196 page
background image
Protection against battery transients
UM1693
46/196
DocID025505 Rev 1
device level are minimum VIH and maximum IGND(ON), values are both available in
datasheets). Experimental trials have led to fix the below range:
— 47
Ω < R1 < 300 Ω in case of 5 V Input logic level and single or double channel
Hybrid HSD.
— 18
Ω < R1 < 300 Ω in case of 3.3 V Input logic level and quad channel Hybrid
HSD
•
The simple reverse battery network (R1) is not always enough. In case of four channels
Hybrid HSD, a further D+R2 network is required in order to keep the GND pin voltage
drop as little as possible and avoid usage of big space demanding, low ohmic R1
component. R2 must be chosen according to the following limits:
–
Minimum value must limit the current flowing from VCC to GND through the
internal signal clamp structure during the ISO 2a pulse;
–
Maximum value according to maximum GND shift that guarantees device properly
driven ON even in the worst case device limits (relevant parameter to be taken into
account at device level are minimum VIH and maximum IGND(ON), both values are
available in datasheets). Experimental trials have led to suggest below range
(assuming R1 = 270
Ω and drop Voltage on diode of 0.4 V):
— 18
Ω < R2 < 91 Ω
In Figure 25 a test setup is used in order to measure capability of M0-7 Hybrid device, in this
case the VN7004AH-E, to sustain ISO7637-2: (2011) pulses.
Figure 25. Basic Test setup for ISO 7637-2 (2011) pulses applied to VN7004AH-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com