Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1693 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1693
Description  M0-7 standard high-side drivers hardware design guide
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1693 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1693 Datasheet HTML 24Page - STMicroelectronics UM1693 Datasheet HTML 25Page - STMicroelectronics UM1693 Datasheet HTML 26Page - STMicroelectronics UM1693 Datasheet HTML 27Page - STMicroelectronics UM1693 Datasheet HTML 28Page - STMicroelectronics UM1693 Datasheet HTML 29Page - STMicroelectronics UM1693 Datasheet HTML 30Page - STMicroelectronics UM1693 Datasheet HTML 31Page - STMicroelectronics UM1693 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 196 page
background image
Reverse battery protection
UM1693
28/196
DocID025505 Rev 1
clamped to minus one diode voltage due to the forward biased substrate diode of the HSD.
The N-channel MOSFET is turned off once the GND voltage begins to drop. This happens
within a few microseconds. The first current spike is due to the recharging of the VCC
capacitor. As soon as the GND voltage drops to -100 V, the N-channel MOSFET starts to
conduct in avalanche until the pulse amplitude drops below its breakdown voltage
BVDSS = 100 V.
The breakdown voltage BVDSS of the N-channel MOSFET either should be higher than the
maximum negative transient peak voltage of ISO 7637:2-2011(E) or the energy capability of
the N-channel MOSFET in avalanche must be high enough to sustain the transient pulse
energy.
Figure 10. Reverse battery test VN7016AJ-E (13.5 V
→ -4 V, 82 mΩ, R2 = 15 kΩ) as per
LV 124: 2009-10 standard
Figure 10 shows an example of an abrupt reverse battery test changing the polarity of the
battery supply from 13.5 V to -4 V within a few µs. The test setup used a 100 V/100 m
Ω
N-channel MOSFET with a gate resistor R2 = 15 k
Ω. The total line impedance is measured
with 82 m
Ω in line with the requirements of LV 124: 2009-10.
The N-channel MOSFET is able to turn-off within 10 µs about. During this time a relatively
high current will flow through the HSD substrate diode. The total energy dissipated in the
HSD is around 100 µJ, which is withstood by the M0-7 high-side driver family.
2.2.4
P-channel MOSFET in the VCC line
The P-channel MOSFET is connected in such a way that its Gate is connected to GND via a
resistor R2 and its drain to VCC pin, while the source acts as the reverse polarity protected
supply. In Figure 11 is reported a generic schematic with P-channel MOSFET configuration.
Compared to an N-channel MOSFET the device will be turned on by applying a negative
gate source voltage.
It is important to insert the transistor in the right direction, because the P-channel MOSFET
has as well an intrinsic anti parallel body diode which is in forward direction from drain to
source.
By referring the gate signal to the ground line, the device is fully turned on when the battery
is applied in the right polarity.
R2 = 15k
VCC - GND stress: ~0.1mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com