Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9212CS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PD78F9212CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9212CS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PD78F9212CS Datasheet HTML 2Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 3Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 4Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 5Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 6Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 7Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 8Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 9Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
4
µPD78F9210CS, 78F9211CS, 78F9212CS
PIN CONFIGURATION (Top View)
• 16-pin plastic SDIP
P32/INTP1
P43
P42
P21/ANI1/TI010/TO00/INTP0
P20/ANI0/TI000/TOH1
P41
P40
1
2
3
4
5
6
7
8
VSSNote1
14
13
12
16
15
11
10
9
VDDNote2
P44
P45
P34/RESET
P46
P47
P22/X2/ANI2
P23/X1/ANI3
ANI0 to ANI3:
Analog input
TI000, TI010:
Timer input
INTP0, INTP1:
External interrupt input
TO00, TOH1:
Timer output
P20 to P23:
Port 2
VDD
Note2:
Power supply
P32, P34:
Port 3
VSS
Note1:
Ground
P40 to P47:
Port 4
X1, X2:
Crystal oscillator (X1 input clock)
RESET:
Reset
Notes 1.
In the
µPD78F9210CS, 78F9211CS, 78F9212CS, VSS functions alternately as the ground potential of the
A/D converter. Be sure to connect VSS to a stabilized GND (= 0 V).
2.
In the
µPD78F9210CS, 78F9211CS, 78F9212CS, VDD functions alternately as the A/D converter reference
voltage input. When using the A/D converter, stabilize VDD at the supply voltage used (2.7 to 5.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com