Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9212CS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD78F9212CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9212CS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD78F9212CS Datasheet HTML 17Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 18Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 19Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 20Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 21Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 22Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 23Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 24Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
19
µ PD78F9210CS, 78F9211CS, 78F9212CS
A/D Converter Characteristics (TA =
−40 to +85°C, 2.7 V ≤ VDD ≤ 5.5 VNote 1, VSS = 0 VNote 2)
(1) A/D converter basic characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
10
10
10
bit
4.5 V
≤ VDD ≤ 5.5 V
3.0
100
µs
4.0 V
≤ VDD < 4.5 V
4.8
100
µs
2.85 V
≤ VDD < 4.0 V
6.0
100
µs
Conversion time
tCONV
2.7 V
≤ VDD < 2.85 V
14.0
100
µs
Analog input voltage
VAIN
VSS
Note 2
VDD
V
(2) A/D Converter Characteristics (high-speed internal oscillation clock)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Overall error
Notes 3, 4
AINL
−0.1 to +0.2Note 5 −0.35 to +0.45
%FSR
Zero-scale error
Notes 3, 4
Ezs
−0.1 to +0.2Note 5 −0.35 to +0.45
%FSR
Full-scale error
Notes 3, 4
Efs
−0.1 to +0.2Note 5 −0.35 to +0.40
%FSR
Integral non-linearity error
Note 3
ILE
±1Note 5
±3
LSB
Differential non-linearity error
Note 3
DLE
±1Note 5
±1.5
LSB
(3) A/D Converter Characteristics (Crystal/Ceramic Oscillation Clock, External Clock)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
≤ VDD ≤ 5.5 V
−0.20 to +0.35Note 5 −0.35 to +0.65
%FSR
Overall error
Notes 1, 2
AINL
2.7 V
≤ VDD < 4.0 V
±0.25Note 5
−0.35 to +0.55
%FSR
4.0 V
≤ VDD ≤ 5.5 V
−0.20 to +0.35Note 5 −0.35 to +0.65
%FSR
Zero-scale error
Notes 3, 4
Ezs
2.7 V
≤ VDD < 4.0 V
±0.25Note 5
−0.35 to +0.55
%FSR
4.0 V
≤ VDD ≤ 5.5 V
−0.20 to +0.35Note 5 −0.35 to +0.55
%FSR
Full-scale error
Notes 3, 4
Efs
2.7 V
≤ VDD < 4.0 V
±0.25Note 5
−0.35 to +0.50
%FSR
4.0 V
≤ VDD ≤ 5.5 V
±1.5Note 5
±3.0
LSB
Integral non-linearity error
Note 3
ILE
2.7 V
≤ VDD < 4.0 V
±1.5Note 5
±4.0
LSB
4.0 V
≤ VDD ≤ 5.5 V
±1.0Note 5
±2.5
LSB
Differential non-linearity error
Note 3
DLE
2.7 V
≤ VDD < 4.0 V
±1.0Note 5
±2.5
LSB
Notes 1.
In the 78K0S/KY1+, VDD functions alternately as the A/D converter reference voltage input. When using
the A/D converter, stabilize VDD at the supply voltage used (2.7 to 5.5 V).
2.
In the 78K0S/KY1+, VSS functions alternately as the ground potential of the A/D converter. Be sure to
connect VSS to a stabilized GND (= 0 V).
3.
Excludes quantization error (
±1/2 LSB).
4.
This value is indicated as a ratio (%FSR) to the full-scale value.
5.
A value when HALT mode is set by an instruction immediately after A/D conversion starts.
Caution The conversion accuracy may be degraded if the level of a port that is not used for A/D conversion
is changed during A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com