Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9212CS Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # PD78F9212CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9212CS Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button PD78F9212CS Datasheet HTML 14Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 15Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 16Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 17Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 18Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 19Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 20Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 21Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
16
µPD78F9210CS, 78F9211CS, 78F9212CS
AC Characteristics
Basic operation (TA =
−40 to +85°C, VDD = 2.0 to 5.5 VNote 1, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
≤ VDD ≤ 5.5 V
0.2
16
µs
3.0 V
≤ VDD < 4.0 V
0.33
16
µs
2.7 V
≤ VDD < 3.0 V
0.4
16
µs
Crystal/ceramic oscillation
clock, external clock input
2.0 V
≤ VDD < 2.7 V
1
16
µs
4.0 V
≤ VDD ≤ 5.5 V
0.23
4.22
µs
2.7 V
≤ VDD < 4.0 V
0.47
4.22
µs
Cycle time (minimum
instruction execution time)
TCY
High-speed internal
oscillation clock
2.0 V
≤ VDD < 2.7 V
0.95
4.22
µs
4.0 V
≤ VDD ≤ 5.5 V
2/fsam+
0.1
Note 2
µs
TI000/TI010 input high-level
width, low-level width
tTIH,
tTIL
2.0 V
≤ VDD < 4.0 V
2/fsam+
0.2
Note 2
µs
Interrupt input high-level
width, low-level width
tINTH,
tINTL
1
µs
RESET input low-level
width
tRSL
2
µs
Notes 1. Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on
clear (POC) circuit is 2.1 V
±0.1 V.
2. Selection of fsam = fXP, fXP/4, or fXP/256 is possible using bits 0 and 1 (PRM000, PRM001) of prescaler
mode register 00 (PRM00). Note that when selecting the TI000/TI010 valid edge as the count clock, fsam =
fXP.
CPU Clock Frequency, Peripheral Clock Frequency
Parameter
Conditions
CPU clock (fCPU)
Peripheral clock (fXP)
4.0 V
≤ VDD ≤ 5.5 V
125 kHz
≤ fCPU ≤ 10 MHz
3.0 V
≤ VDD < 4.0 V
125 kHz
≤ fCPU ≤ 6 MHz
2.7 V
≤ VDD < 3.0 V
125 kHz
≤ fCPU ≤ 5 MHz
500 kHz
≤ fXP ≤ 10 MHz
Ceramic resonator,
Crystal resonator,
External clock
2.0 V
≤ VDD < 2.7 V
Note
125 kHz
≤ fCPU ≤ 2 MHz
500 kHz
≤ fXP ≤ 5 MHz
4.0 V
≤ VDD ≤ 5.5 V
500 kHz (Typ.)
≤ fCPU ≤ 8 MHz (Typ.)
2.7 V
≤ VDD < 4.0 V
500 kHz (Typ.)
≤ fCPU ≤ 4 MHz (Typ.)
2 MHz (Typ.)
≤ fXP ≤ 8 MHz (Typ.)
High-speed internal
oscillator
2.0 V
≤ VDD < 2.7 V
Note
500 kHz (Typ.)
≤ fCPU ≤ 2 MHz (Typ.)
2 MHz (Typ.)
≤ fXP ≤ 4 MHz (Typ.)
Note
Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on-clear
(POC) circuit is 2.1 V
±0.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com