Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9212CS Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # PD78F9212CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9212CS Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button PD78F9212CS Datasheet HTML 21Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 22Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 23Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 24Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 25Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 26Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 27Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 28Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
23
µ PD78F9210CS, 78F9211CS, 78F9212CS
3. PACKAGE DRAWING
°
°
+
−
16-PIN PLASTIC SDIP (7.62mm(300))
ITEM
DIMENSIONS
P16CS-70-CAB
D
E
B
e1
C
A
A1
A2
e
e1
b
b1
c
L
x
Z
A
D
(UNIT:mm)
±
17.37
±
6.60 0.20
±
3.45 0.15
±
0.65
2.80
1.778
7.62
0.10
±
0.50 0.10
±
1.02
0.25
0.25
0
to 15
2.387
0.10
0.05
0.10
±
2.86 0.20
E
1
A
Z
A2
A1
b1
b
x
e
c
C AB
M
8
9
16
L
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com