Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9212CS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # PD78F9212CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9212CS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button PD78F9212CS Datasheet HTML 10Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 11Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 12Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 13Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 14Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 15Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 16Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 17Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
12
µPD78F9210CS, 78F9211CS, 78F9212CS
X1 Oscillator Characteristics (TA =
−40 to +85°C, VDD = 2.0 to 5.5 VNote 1, VSS = 0 V)
Resonator
Recommended Circuit
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
Ceramic
resonator
X2
X1
VSS
C2
C1
Oscillation
frequency (fX)
Note 2
2.0
10.0
MHz
Crystal
resonator
X2
X1
VSS
C2
C1
Oscillation
frequency (fX)
Note 2
2.0
10.0
MHz
2.7 V
≤ VDD ≤ 5.5 V
2.0
10.0
X1 input
frequency (fX)
Note 2
2.0 V
≤ VDD < 2.7 V
2.0
5.0
MHz
2.7 V
≤ VDD ≤ 5.5 V
0.045
0.25
External
clock
X1
X1 input high-
/low-level width
(tXH, tXL)
2.0 V
≤ VDD < 2.7 V
0.09
0.25
µs
Notes 1. Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on
clear (POC) circuit is 2.1 V
±0.1 V.
2. Indicates only oscillator characteristics. Refer to AC Characteristics for instruction execution time.
Caution
When using the X1 oscillator, wire as follows in the area enclosed by the broken lines in the above
figures to avoid an adverse effect from wiring capacitance.
• Keep the wiring length as short as possible.
• Do not cross the wiring with the other signal lines.
• Do not route the wiring near a signal line through which a high fluctuating current flows.
• Always make the ground point of the oscillator capacitor the same potential as VSS.
• Do not ground the capacitor to a ground pattern through which a high current flows.
• Do not fetch signals from the oscillator.
Remark
For the resonator selection and oscillator constant, users are required to either evaluate the oscillation
themselves or apply to the resonator manufacturer for evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com