Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9212CS Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # PD78F9212CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9212CS Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button PD78F9212CS Datasheet HTML 11Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 12Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 13Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 14Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 15Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 16Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 17Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 18Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
13
µ PD78F9210CS, 78F9211CS, 78F9212CS
High-Speed Internal Oscillator Characteristics (TA =
−40 to +85°C, VDD = 2.0 to 5.5 VNote 1, VSS = 0 V)
Resonator
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
TA =
−10 to +70°C
±3
%
Oscillation frequency (fX = 8
MHz
Note 2) deviation
2.7 V
≤ VDD ≤ 5.5 V
TA =
−40 to +85°C
±5
%
High-speed internal
oscillator
Oscillation frequency (fX)
Note 2
2.0 V
≤ VDD < 2.7 V
5.5
MHz
Notes 1.
Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on-
clear (POC) circuit is 2.1 V
±0.1 V.
2.
Indicates only oscillator characteristics. Refer to AC Characteristics for instruction execution time.
Low-Speed Internal Oscillator Characteristics (TA =
−40 to +85°C, VDD = 2.0 to 5.5 VNote, VSS = 0 V)
Resonator
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
Low-speed internal oscillator
Oscillation frequency (fRL)
120
240
480
kHz
Note
Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on clear
(POC) circuit is 2.1 V
±0.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com