| Electronic Components Datasheet Search |
|
PD78F9212CS Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD78F9212CS Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 30 page ![]() Preliminary Product Information U18551EJ2V0PM 7 µ PD78F9210CS, 78F9211CS, 78F9212CS 1. PIN FUNCTIONS 1.1 Port Functions Pin Name I/O Function After Reset Alternate-Function Pin P20 ANI0/TI000/TOH1 P21 ANI1/TI010/ TO00/INTP0 P22 X2/ANI2 P23 I/O Port 2. 4-bit I/O port. Can be set to input or output mode in 1-bit units. An on-chip pull-up resistor can be connected by setting software. Input X1/ANI3 P32 I/O Can be set to input or output mode in 1-bit units. An on-chip pull-up resistor can be connected by setting software. Input INTP1 P34 Input Port 3 Input only Input RESET P40 to P47 I/O Port 4. 8-bit I/O port. Can be set to input or output mode in 1-bit units. An on-chip pull-up resistor can be connected by setting software. Input − Caution The P22/X2/ANI2 and P23/X1/ANI3 pins are pulled down during reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |