Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9212CS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD78F9212CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9212CS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD78F9212CS Datasheet HTML 9Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 10Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 11Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 12Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 13Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 14Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 15Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 16Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
11
µ PD78F9210CS, 78F9211CS, 78F9212CS
2. ELECTRICAL SPECIFICATIONS (TARGET)
These specifications are only target values, and may not be satisfied by mass-produced products.
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Conditions
Ratings
Unit
VDD
−0.3 to +6.5
V
Supply voltage
VSS
−0.3 to +0.3
V
Input voltage
VI
P20 to P23, P32, P34, P40 to P47
−0.3 to VDD + 0.3Note
V
Output voltage
VO
−0.3 to VDD + 0.3Note
V
Analog input voltage
VAN
−0.3 to VDD + 0.3Note
V
Per pin
−10.0
mA
Output current, high
IOH
Total of P20 to P23, P32, P40 to P47
−44.0
mA
Per pin
20.0
mA
Output current, low
IOL
Total of P20 to P23, P32, P40 to P47
44.0
mA
In normal operation mode
°C
Operating ambient
temperature
TA
During flash memory programming
−40 to +85
°C
Flash memory blank status
−65 to +150
°C
Storage temperature
Tstg
Flash memory programming already performed
−40 to +125
°C
Note Must be 6.5 V or lower
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com