Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9212CS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # PD78F9212CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9212CS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button PD78F9212CS Datasheet HTML 12Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 13Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 14Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 15Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 16Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 17Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 18Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 19Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
14
µPD78F9210CS, 78F9211CS, 78F9212CS
DC Characteristics (TA =
−40 to +85°C, VDD = 2.0 to 5.5 V Note, VSS = 0 V) (1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Per pin
2.0 V
≤ VDD ≤ 5.5 V
–5
mA
4.0 V
≤ VDD ≤ 5.5 V
–25
mA
Output current, high
IOH
Total of all pins
2.0 V
≤ VDD < 4.0 V
–15
mA
Per pin
2.0 V
≤ VDD ≤ 5.5 V
10
mA
4.0 V
≤ VDD ≤ 5.5 V
30
mA
Output current, low
IOL
Total of all pins
2.0 V
≤ VDD < 4.0 V
15
mA
VIH1
P23 in external clock mode and pins other than
P20 and P21
0.8VDD
VDD
V
Input voltage, high
VIH2
P23 in other than external clock mode, P20 and
P21
0.7VDD
VDD
V
VIL1
P23 in external clock mode and pins other than
P20 and P21
0
0.2VDD
V
Input voltage, low
VIL2
P23 in other than external clock mode, P20 and
P21
0
0.3VDD
V
Total of output pins
IOH = –15 mA
4.0 V
≤ VDD ≤ 5.5 V
IOH = –5 mA
VDD – 1.0
V
Output voltage, high
VOH
IOH = –100
µA
2.0 V
≤ VDD < 4.0 V
VDD – 0.5
V
Total of output pins
IOL = 30 mA
4.0 V
≤ VDD ≤ 5.5 V
IOL = 10 mA
1.3
V
Output voltage, low
VOL
2.0 V
≤ VDD < 4.0 V
IOL = 400
µA
0.4
V
Input leakage current, high
ILIH
VI = VDD
Pins other than X1
1
µA
Input leakage current, low
ILIL
VI = 0 V
Pins other than X1
–1
µA
Output leakage current, high
ILOH
VO = VDD
Pins other than X2
1
µA
Output leakage current, low
ILOL
VO = 0 V
Pins other than X2
–1
µA
Pull-up resistance value
RPU
VI = 0 V
10
30
100
k
Ω
Pull-down resistance value
RPD
P22, P23, reset status
10
30
100
k
Ω
Note
Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on clear
(POC) circuit is 2.1 V
±0.1 V.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com