Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9212CS Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # PD78F9212CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9212CS Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button PD78F9212CS Datasheet HTML 20Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 21Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 22Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 23Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 24Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 25Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 26Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 27Page - Renesas Technology Corp PD78F9212CS Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
22
µPD78F9210CS, 78F9211CS, 78F9212CS
Flash Memory Programming Characteristics (TA = –40 to +85
°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply current
IDD
VDD = 5.5 V
7.0
mA
Erasure count
Note
(per 1 block)
NERASE
TA =
−40 to +85°C
1000
Times
4.5 V
≤ VDD ≤ 5.5 V
0.8
s
3.5 V
≤ VDD < 4.5 V
1.0
s
TA =
−10 to +85°C,
NERASE
≤ 100
2.7 V
≤ VDD < 3.5 V
1.2
s
4.5 V
≤ VDD ≤ 5.5 V
4.8
s
3.5 V
≤ VDD < 4.5 V
5.2
s
TA =
−10 to +85°C,
NERASE
≤ 1000
2.7 V
≤ VDD < 3.5 V
6.1
s
4.5 V
≤ VDD ≤ 5.5 V
1.6
s
3.5 V
≤ VDD < 4.5 V
1.8
s
TA =
−40 to +85°C,
NERASE
≤ 100
2.7 V
≤ VDD < 3.5 V
2.0
s
4.5 V
≤ VDD ≤ 5.5 V
9.1
s
3.5 V
≤ VDD < 4.5 V
10.1
s
Chip erase time
TCERASE
TA =
−40 to +85°C,
NERASE
≤ 1000
2.7 V
≤ VDD < 3.5 V
12.3
s
4.5 V
≤ VDD ≤ 5.5 V
0.4
s
3.5 V
≤ VDD < 4.5 V
0.5
s
TA =
−10 to +85°C,
NERASE
≤ 100
2.7 V
≤ VDD < 3.5 V
0.6
s
4.5 V
≤ VDD ≤ 5.5 V
2.6
s
3.5 V
≤ VDD < 4.5 V
2.8
s
TA =
−10 to +85°C,
NERASE
≤ 1000
2.7 V
≤ VDD < 3.5 V
3.3
s
4.5 V
≤ VDD ≤ 5.5 V
0.9
s
3.5 V
≤ VDD < 4.5 V
1.0
s
TA =
−40 to +85°C,
NERASE
≤ 100
2.7 V
≤ VDD < 3.5 V
1.1
s
4.5 V
≤ VDD ≤ 5.5 V
4.9
s
3.5 V
≤ VDD < 4.5 V
5.4
s
Block erase time
TBERASE
TA =
−40 to +85°C,
NERASE
≤ 1000
2.7 V
≤ VDD < 3.5 V
6.6
s
Byte write time
TWRITE
TA =
−40 to +85°C, NERASE ≤ 1000
150
µs
Per 1 block
6.8
ms
Internal verify
TVERIFY
Per 1 byte
27
µs
Blank check
TBLKCHK
Per 1 block
480
µs
Retention years
TA = 85
°CNote 2, NERASE ≤ 1000
10
Years
Notes 1. Depending on the erasure count (NERASE), the erase time varies. Refer to the chip erase time and block
erase time parameters.
2. When the average temperature when operating and not operating is 85
°C.
Remark When a product is first written after shipment, “erase
→ write” and “write only” are both taken as one rewrite.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com