Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1625 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 2Page - STMicroelectronics AN1625 Datasheet HTML 3Page - STMicroelectronics AN1625 Datasheet HTML 4Page - STMicroelectronics AN1625 Datasheet HTML 5Page - STMicroelectronics AN1625 Datasheet HTML 6Page - STMicroelectronics AN1625 Datasheet HTML 7Page - STMicroelectronics AN1625 Datasheet HTML 8Page - STMicroelectronics AN1625 Datasheet HTML 9Page - STMicroelectronics AN1625 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
AN1625 APPLICATION NOTE
6/39
Figure 5. Typical Application and Layout suggestions.
High current GND tracks (i.e. the tracks connected to the sensing resistor) must be connected directly to the neg-
ative terminal of the bulk capacitor. A good quality, high-frequency bypass capacitor is also required (typically a
100 nF÷200 nF ceramic would suffice), since electrolytic capacitors show a poor high frequency performance.
Both bulk electrolytic and high frequency bypass capacitors have to be connected with short tracks to VSA, VSB
and GND. On the L6235 GND pins are the Logic GND, since only the quiescent current flows through them. Logic
GND and Power GND should be connected together in a single point, the bulk capacitor, to keep noise in the
Power GND from affecting Logic GND. Specific care should be paid layouting the path from the SENSE pins
through the sensing resistor to the negative terminal of the bulk capacitor (Power Ground). These tracks must be
as short as possible in order to minimize parasitic inductances that can cause dangerous voltage spikes on
SENSE and OUT pins (see the Voltage Ratings and Operating Range section); for the same reason the capac-
itors on VSA, VSB and GND pins should be very close to the GND and supply pins. Refer to the Sensing Resistors
section for information on selecting the sense resistors. Traces that connect to VSA, VSB, SENSEA, SENSEB, and
the three OUT pins must be designed with adequate width, since high currents are flowing through these traces,
and layer changes should be avoided. Should a layer change prove necessary, multiple and large via holes have
to be used. A wide GND copper area can be used to improve power dissipation for the device.
Figure 6 shows two typical situations that must be avoided. An important consideration about the location of the
bulk capacitor is the ability to absorb the inductive energy from the load, without allowing the supply voltage to
exceed the maximum rating. The diode shown in Figure 6 prevents the recirculation current from reaching the
capacitors and will result in a high voltage on the IC pins that can destroy the device. Having a switch or a power
connection that can disconnect the capacitors from the IC, while there is still current in the motor, will also result
in a high voltage transient since there is no capacitance to absorb the recirculation current.
+
-
VS = 8 ÷ 52 V
Vref = 0 ÷1V
EN
BRAKE
F WD/REV
H3
H2
H1
Vref
RCOFF
RCPULSE
GND
GND
GND
GND
SENSEA
SENSEB
VSA
VSB
VBOOT
CP
OUT3
OUT1 OUT2
D1
D2
R1
R2
R3
R4
R5
C1
C2
C3
C4
C7
C8
C5
C6
L6235
µC
or
Custom Logic
3-Phase
Brushless
DC Motor
+
-
Logic Supply
3.3 ÷ 5 V
DIAG
TACHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com