Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1625 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 19Page - STMicroelectronics AN1625 Datasheet HTML 20Page - STMicroelectronics AN1625 Datasheet HTML 21Page - STMicroelectronics AN1625 Datasheet HTML 22Page - STMicroelectronics AN1625 Datasheet HTML 23Page - STMicroelectronics AN1625 Datasheet HTML 24Page - STMicroelectronics AN1625 Datasheet HTML 25Page - STMicroelectronics AN1625 Datasheet HTML 26Page - STMicroelectronics AN1625 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23/39
AN1625 APPLICATION NOTE
Figure 24. Power Dissipation formulae and results.
Result
PowerDMOS
Commutation Time
Tcom = 9.60E-08
[s]
Vs / (250V/
µs)
Electrical frequency
Fel = 1.67E+02 [Hz]
n*sp/60
Rise Time
Trise =
5.65E-5
[s]
Fall Time
Tfall = 5.13E-05
[s]
Duty Cycle
D = 6.08E-01
-
Vb+I(2*Ron+Rm))/(Vs -I*Rs)
Switching
Frequency
fSW = 4.90E+04 [Hz]
(1-D) / tOFF
Current Ripple
∆I = 3.19E-01 [A]
2.1*((2Ron+Rm)*Ipk+Vb)*toff/Lm
Period
T = 6.00E-03
[s]
1 / fel
Load Time
Tload = 5.66E-03
[s]
T-6Trise
Average Current
during Load
Time
I = 1.34E+00
[A]
r.m.s. Current
during Load
Time
Irms = 1.34E+00
[A]
Rise Time
Dissipating
power
Prise = 1.58E-02
[W]
Fall Time
Dissipating
power
Pfall = 3.00E-02
[W]
Load Time
Diss. Power
Pload = 1.91E-00
[W]
(2Ron · Irms2 · Tload) / T
Commutation
Dissipating Pw
Pcom = 2.86E-01
[W]
(2Vs · I · Tcom · Tload · fSW) / T
Quiescent
Dissipating Pw
Pq = 1.32E-01
[W]
Vs · Iq
Total Dissipat-
ing Power
P = 2.37E+00
[W]
Pq + Pcom + Pload + Pfall + Prise
Ipk Rm
2 2Ipk Ron
Ipk R s
V s
+
⋅
–
⋅
⋅
–
⋅
–
()
Vs
-------------------------------------------------------------------------------------------------------------------
Lm
Rm
Rs
2Ron
++
----------------------------------------------
⋅
ln
–
Vs
2 Vd
⋅
–
Ipk Rm
Ipk
+
Rs
Vs
2 Vd
⋅
()
–
+
⋅⋅
()
------------------------------------------------------------------------------------------------
Lm
Rm
Rs
+
()
----------------------------
⋅
ln
–
Ipk
∆I
2
-----
–
Ipk
Ipk
I
∆
–
()
I
2
∆
3
--------
+
⋅
2Ron Ipk
2
Trise
3
---------------
⋅⋅

 2
T
---
⋅
2
T
--- 2 V d Tfall
Vs
–
2Vd
⋅
+
()
Rm
Rs
+
()
--------------------------------------
Lm
Ipk Rm
Ipk Rs
Vs
2 Vd
⋅
–
+
⋅
+
⋅
()
⋅
1
T
– fall
Lm
----------------
Rm
Rs
+
()
⋅
exp
–
Rm
Rs
+
()
2
---------------------------------------------------------------------------------
⋅
+
⋅
⋅⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com